전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97801 데이터시트(PDF) 12 Page - Renesas Technology Corp

부품명 ISL97801
상세설명  High Power LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97801 데이터시트(HTML) 12 Page - Renesas Technology Corp

Back Button ISL97801 Datasheet HTML 8Page - Renesas Technology Corp ISL97801 Datasheet HTML 9Page - Renesas Technology Corp ISL97801 Datasheet HTML 10Page - Renesas Technology Corp ISL97801 Datasheet HTML 11Page - Renesas Technology Corp ISL97801 Datasheet HTML 12Page - Renesas Technology Corp ISL97801 Datasheet HTML 13Page - Renesas Technology Corp ISL97801 Datasheet HTML 14Page - Renesas Technology Corp ISL97801 Datasheet HTML 15Page - Renesas Technology Corp ISL97801 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ISL97801
FN6428 Rev 1.00
Page 12 of 20
April 2, 2007
PWM dimming, an internal timer delays system shutdown via
EN/PWM for 50ms.
Bias Current Dimming
Current in the LED load is determined by the value of the
feedback resistor and the target feedback regulation voltage:
With MODE tied to VDC, voltage across the feedback resistor
is set by VLEVEL:
The value of VFB should be limited to between 50mV and
450mV for linear operation. For minimum light output, VFB may
be set below 50mV. With MODE tied to GND, voltage across
the feedback resistor is set at ~400mV via an internal
reference. In either operating mode, if LED temperature control
is enabled the value of VFB will be reduced when maximum
LED temperature is exceeded.
Input Overvoltage
For automotive applications, an external high voltage NFET
driven by the FAULT pin disconnects the device from the input
supply in response to voltage spikes on the input supply.
During start-up an internal charge pump drives the FAULT pin
above the input voltage, ensuring the NFET is fully enhanced
and powering up the device. In normal operation the switching
node of the boost regulator or the floating supply of the buck
regulator is used to pump FAULT above VIN. On detection of
an overvoltage, the FAULT pin is discharged to GND. The gate
to source voltage of the NDMOS is internally limited to ±15V to
prevent voltage stress.
Fault Protection
The external NFET is also used as a fault protection switch,
disconnecting the input supply if a fault occurs for more than
50ms. The system monitors feedback voltage regulation,
output overvoltage and input overvoltage. For applications not
requiring input voltage or fault protection, connect VBAT and
VIN directly together. All faults except input supply overvoltage
latch the ISL97801 into an off state that can be cleared by
either power cycling the input supply or the EN/PWM pin.
Connecting the TMAX pin to VDC disables the fault latch
function (LED over temperature control is also disabled).
Output Overvoltage Protection (OVP)
If the FB pin is shorted to ground or an LED fails open circuit,
output voltage in BOOST mode can increase to potentially
damaging voltages. An optional overvoltage protection circuit
can be enabled by connection of the OVP pin to the output
voltage. The device will stop switching if the output voltage
exceeds OVPH and re-start when the output voltage falls
below OVPL. During sustained OVP fault conditions, VOUT will
saw-tooth between the upper and lower threshold voltages at a
frequency determined by the magnitude of current available to
discharge the output capacitor and the value of output
capacitor used.
The OVP threshold can be set to a lower value by using an
external zener diode and resistor, as shown in Figure 33. R1
should be adjusted to minimize offset in the FB voltage due to
FB pin input current. A value of 100
 is recommended.
FIGURE 31. OPERATION WITH ENL CONTROLLED FET
FIGURE 32. OPERATION WITH NO ENL CONTROLLED FET
ILED
VFB
RSENSE
-----------------------
=
(EQ. 1)
VFB
VLEVEL
5
----------------------
=
(EQ. 2)


유사한 부품 번호 - ISL97801

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97801 INTERSIL-ISL97801 Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ INTERSIL-ISL97801ARZ Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ-T INTERSIL-ISL97801ARZ-T Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ-TK INTERSIL-ISL97801ARZ-TK Datasheet
705Kb / 19P
   High Power LED Driver
More results

유사한 설명 - ISL97801

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com