전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBL-1-1 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 SBL-1-1
상세설명  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SBL-1-1 데이터시트(HTML) 1 Page - Mini-Circuits

  SBL-1-1 Datasheet HTML 1Page - Mini-Circuits SBL-1-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm)
0.1 to 400 MHz
Frequency Mixer
Plug-In
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
8
RF
1
IF
3,4^
GROUND
2,5,6,7
Outline Drawing
Electrical Specifications
REV. B
M151107
SBL-1-1
DJ/TD/CP
150928
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
0.1-400
DC-400
4.84
.04
7.0
8.0
50
45
45
30
35
25
45
30
40
25
30
20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
SBL-1-1+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Features
• excellent conversion loss, 4.84 dB typ.
• high L-R isolation, 45 dB typ. L-I isolation, 40 dB typ.
• rugged welded construction
Applications
• VHF
• defense & federal communications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
^ pins must be connected together externally
A
B
C
D
E
F
.770
.800
.285
.310
.370
.400
19.56
20.32
7.24
7.87
9.40
10.16
G
H
J
K
wt
.200
.20
.14
.031
grams
5.08
5.08
3.56
0.79
5.2
0.10
30.10
5.97
>67.00
>67.00
1.27
2.30
0.20
30.20
5.50
>67.00
>67.00
1.27
2.24
0.50
30.50
5.10
>67.00
>60.77
1.27
2.26
1.00
31.00
5.03
>67.00
61.39
1.25
2.20
2.00
32.00
4.95
>67.00
61.65
1.23
2.16
5.00
35.00
4.94
>67.00
62.29
1.18
2.11
10.00
40.00
4.92
>67.00
61.63
1.15
2.08
20.00
50.00
5.01
>67.00
61.41
1.12
2.09
50.00
80.00
4.95
57.89
55.93
1.09
2.12
69.83
99.83
4.92
53.82
51.57
1.10
2.18
100.00
70.00
4.82
51.38
49.30
1.11
2.22
121.45
91.45
4.86
50.92
48.83
1.15
2.23
155.86
125.36
4.95
48.48
46.32
1.19
2.35
200.00
170.00
5.08
42.54
40.81
1.22
2.38
224.69
194.69
5.23
42.61
40.35
1.27
2.43
241.90
211.90
5.21
43.39
40.85
1.31
2.44
293.52
263.52
5.32
38.74
36.85
1.34
2.56
327.93
297.93
5.57
37.88
36.40
1.35
2.65
379.55
349.55
5.70
36.54
33.55
1.36
2.75
413.97
383.97
5.75
37.59
34.68
1.35
2.83
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: A06
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


유사한 부품 번호 - SBL-1-1

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SBL-1-1LH MINI-SBL-1-1LH Datasheet
74Kb / 2P
   FREQUENCY MIXERS
More results

유사한 설명 - SBL-1-1

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com