전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL-7140-201M 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 DL-7140-201M
상세설명  INFRARED LASER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-7140-201M 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  DL-7140-201M Datasheet HTML 1Page - Sanyo Semicon Device DL-7140-201M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL-7140-201M
INFRARED LASER DIODE
Features
• Wavelength : 783 nm (Typ.)
• Low threshold current : Ith = 30 mA (Typ.)
• High operating temperature : 180mW(Pulse)
• Small package : ø5.6mm
Absolute Maximum Ratings
Electrical and Optical Characteristics 3) 4) 5) 7)
Tottori SANYO Electric Co., Ltd.
LED Business Unit
5-318, Tachikawa, Tottori 680-8634 Japan
TEL : +81-857-21-2137 FAX : +81-857-21-2161
Ver.1.2 May. 2003
Note : The above product specification are subject to change without notice.
3) Initial values.
4) All the above values are evaluated with Tottori sanyo's measuring apparatus.
5) Reference values.
6)Full angle at half maximum.
7) Measured at CW .
(Tc=25°C)
Package
Pin Connection
1
ø1.6
ø3.55± 0.1
ø4.4
ø5.6 - 0.025
Top view
1.0± 0.1
Effective window diameter 1.0min.
2
3
ø2.0
Pin No.
ø1.4max.
LD facet
3 -
ø0.45± 0.1
1
3
2
(Tc=25°C)
Parameter
Threshold Current
Operating Current
Lasing Wavelength
Symbol
Ith
Iop
Lp
Condition
Po=70mW
Min.
15
60
778
Typ.
30
100
783
Max.
50
130
788
Unit
mA
mA
nm
Beam
Divergence
Perpendicular
Parallel
Differential Efficiency
Off Axis
Angle
Qv
Qh
dQv
dQh
dPo/dIop
Po=70mW
Po=70mW
14
7.5
-
-
17
8.5
-
1.1
18
9.0
± 2.0
± 1.5
1.3
°
°
°
°
mW/mA
6)
Astigmatism
As
Po=70mW
5
µm
-
-
-
CW
Perpendicular
Parallel
0.8
Tolerance : ± 0.2
(Unit : mm)
Parameter
Light Output
Reverse Voltage (LD)
2
Symbol
Ratings
Unit
180
VR
Po(pulse)
V
mW
Operating
Temperature
Storage Temperature
-10 to +70
-40 to +85
Topr
Tstg
°C
°C
CW
Pulse
Po (CW)
80
1)
1) Pulse Width
≤0.2µs, Duty 50%,Peak power
2) Case temperature
Applications
• Optical disc system (CD-R)
(Case)
3
1
LD
2
(NC)
CW:<70mW Pulse:<180mW(peak power)
Usage condition
CW
Pulse
1) 2)
Topr
-10 to +60
2)
Tc=25°C
Po=70mW
Po=70mW
Po=70mW
Po=70mW
0


유사한 부품 번호 - DL-7140-201M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
DL-7140-201P SANYO-DL-7140-201P Datasheet
29Kb / 2P
   INFRARED LASER DIODE
DL-7140-201S SANYO-DL-7140-201S Datasheet
41Kb / 2P
   INFRARED LASER DIODE
More results

유사한 설명 - DL-7140-201M

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
   Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
   Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
   Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
   Infrared Laser Diode
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
   Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
   infrared diode laser
QL85D6SA ROITHNER-QL85D6SA Datasheet
441Kb / 5P
   Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
   Infrared Laser Diode
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
   INFRARED LASER DIODE
logo
Roithner LaserTechnik G...
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
   Infrared Laser Diode
RLT1064-100GS ROITHNER-RLT1064-100GS Datasheet
449Kb / 2P
   Infrared Laser Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com