전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CE23 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HLMP-CE23
상세설명  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE23 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-CE23 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T-1 3/4 (5 mm) Precision
Optical Performance
InGaN Bluish-Green LED Lamps
SunPower Series
HLMP-CE23
HLMP-CE24
HLMP-CE30
HLMP-CE31
Technical Data
Features
• Smooth, Consistent Spatial
Radiation Patterns
• High Luminous Output
• Choice of Three Minimum
Luminous Intensities
• Viewing Angles: 23˚ and 30˚
• Superior Resistance to
Moisture
Benefits
• Viewing Angles Match
Traffic Signal Requirements
• Superior Performance in
Outdoor Environments
• Suitable for Autoinsertion
onto PC Boards
Applications
• Traffic Signals
• Commercial Outdoor Signs
• Automotive Interior Lights
Description
These high intensity bluish-green
LEDs are based on InGaN
material technology. InGaN is the
most efficient and cost effective
material for LEDs in the blue and
green region of the spectrum.
The 505 nm typical dominant
wavelength matches international
specifications for green traffic
signals.
These LED lamps are untinted,
nondiffused, T-1 3/4 packages
incorporating second generation
optics producing well defined
spatial radiation patterns at
specific viewing cone angles.
These lamps are made with an
advanced optical grade epoxy,
offering superior temperature
and moisture resistance in
outdoor signal and sign
applications. The package epoxy
contains both UV-a and UV-b
inhibitors to reduce the effects of
CAUTION: HLMP-CExx LEDs are Class 1 ESD sensitive. Please observe appropriate precautions
during handling and processing. Refer to Hewlett-Packard Application Note AN-1142 for
additional details.
long term exposure to direct
sunlight.
These lamps are available in two
viewing angle options and two
package options to give the
designer flexibility with optical
design and device mounting.
Each part type includes three
choices for minimum luminous
intensity.


유사한 부품 번호 - HLMP-CE23

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE23 AVAGO-HLMP-CE23 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23-P0C00 HP-HLMP-CE23-P0C00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23-SVC00 HP-HLMP-CE23-SVC00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23-SVQ00 HP-HLMP-CE23-SVQ00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
More results

유사한 설명 - HLMP-CE23

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com