์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ICM7101D ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - List of Unclassifed Manufacturers

๋ถ€ํ’ˆ๋ช… ICM7101D
์ƒ์„ธ๋‚ด์šฉ  LOW COST SINGLE CHIP TELEPHONE IC
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ETC [List of Unclassifed Manufacturers]
ํ™ˆํŽ˜์ด์ง€  
Logo 

ICM7101D ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
/ 11 page
 6 / 11 page
background image
Rev. 2.0
ICmic reserves the right to change the specifications without prior notice
6
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDDI
Supply Line Voltage
-0.3 to 7.0
V
VIN_
Digital Input Voltage
-0.3 to 7.0
V
TSTG
Storage Temperature
-55 to +150
oC
TSOL
Soldering Temperature
300
oC
Note 1: Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
OPERATING RANGE
Range
Ambient Temperature
Commercial -25 oC to 70 oC
ELECTRICAL CHARACTERISTICS
(ILINE = 15mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VLI
Line Voltage (default)
ILINE: 13mA to 100mA
4.5
V
IDD
Operating Current
Speech mode
Tone Dialing
Pulse Dialing VDD = 2.5V
Ring mode
VDD = 2.5V
3
4
0.2
0.3
mA
mA
mA
mA
IOL
Output Current, Sink
TXD, HS/DPB, MO
VOL = 0.4V
1.5
mA
VIL
Input Voltage Low
HS/DPB, RGD TA=25oC
VSS
0.3
VDD
VIH
Input Voltage High
HS/DPB, RGD TA=25oC
0.7
1
VDD
Transmit (TX)
GTX
Transmit Gain
34
35
36
dB
THD
Distortion
VIL < 0.5 VRMS
2
%
VAGC
Soft Clip Level
2
Vpp
ZIN
Input Impedance
20
K
GMUTE
Mute Attenuation
Mute activated
60
dB
VIN MAX
Input Voltage Range
Differential
Single Ended
+/- 1
+/- 0.5
Vpp
Vpp
Receive (RX)
GRX
Receive Gain
2
3
6
dB
THD
Distortion
VRXI < 0.5 VRMS
2
%
VAGC
Soft Clip Level
2
Vpp
ZIN
Input Impedance (RI)
8
K
VIN RI
Input Voltage Range
+/- 2
VPEAK
Output Driver (BJT)
VIN MAX
Input Voltage Range
+/- 2
VPEAK
VTX
Dynamic Range
+/- 2
VPEAK
RL
Return Loss
ZRL= 1000
18
dB
Side Tone (ST)
GST
Side Tone Cancellation
26
dB
VIN ST
Input Voltage Range
+/- 2
VPEAK


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn