전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA780524AF 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIA780524AF
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA780524AF 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIA780524AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA780524AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2002. 9. 24
3/17
KIA7805AF~KIA7824AF
Revision No : 2
KIA7806AF
ELECTRICAL CHARACTERISTICS (VIN=11V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25 , IOUT=100mA
5.75
6.0
6.25
V
Input Regulation
Reg line
1
Tj=25
8.0V VIN 25V
-
4
120
mV
9V VIN 13V
-
2
60
Load Regulation
Reg load
1
Tj=25
5mA IOUT 1.4A
-
15
120
mV
250mA IOUT 750mA
-
5
60
Output Voltage
VOUT
1
8V VIN 21V
5.0mA IOUT 1.0A, Po 15W
5.7
-
6.3
V
Quiescent Current
IB
1
Tj=25 , IOUT=5mA
-
4.3
8.0
mA
Quiescent Current Change
IB
1
8V VIN 25V
-
-
1.3
mA
Output Noise Voltage
VNO
1
Ta=25 , 10Hz f 100kHz
IOUT=50mA
-
55
-
Vrms
Ripple Rejection Ratio
RR
1
f=120Hz, 9V VIN 19V,
IOUT=50mA, Tj=25
61
77
-
dB
Dropout Voltage
VD
1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
1
Tj=25
-
1.5
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA, 0
Tj 125
-
-0.7
-
mV/


유사한 부품 번호 - KIA780524AF

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF-API KEC-KIA7805AF-API Datasheet
1Mb / 20P
   SEMICONDUCTOR
KIA7805AF/API KEC-KIA7805AF/API Datasheet
451Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF/API KEC-KIA7805AF/API Datasheet
1Mb / 20P
   SEMICONDUCTOR
More results

유사한 설명 - KIA780524AF

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com