전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B5T-007001 데이터시트(PDF) 7 Page - Omron Electronics LLC

부품명 B5T-007001
상세설명  HVC incorporates ten different image sensing functions like Face recognition in an easy-tomount and compact format to provide image sensing capability to various devices.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B5T-007001 데이터시트(HTML) 7 Page - Omron Electronics LLC

Back Button B5T-007001 Datasheet HTML 3Page - Omron Electronics LLC B5T-007001 Datasheet HTML 4Page - Omron Electronics LLC B5T-007001 Datasheet HTML 5Page - Omron Electronics LLC B5T-007001 Datasheet HTML 6Page - Omron Electronics LLC B5T-007001 Datasheet HTML 7Page - Omron Electronics LLC B5T-007001 Datasheet HTML 8Page - Omron Electronics LLC B5T-007001 Datasheet HTML 9Page - Omron Electronics LLC B5T-007001 Datasheet HTML 10Page - Omron Electronics LLC B5T-007001 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
B5T-007001
Human Vision Components (HVC-P2)
Dimensions (Unit: mm)
(Units: mm / unspecified dimension tolerance: tolerance class IT16)
Front
Horizontal angle of view 50°
B5T-007001-010
Horizontal angle of view 90°
B5T-007001-020
Back
Horizontal angle of view 50°
B5T-007001-010
Horizontal angle of view 90°
B5T-007001-020
Note: Do not install metallic parts for mounting on the shaded areas
45
40
45
25
20
2.1
25
20
2.5
(R)
2.1 dia.
2.3 dia.
2.3 dia.
40
28.2
113±5
Four, 2.2 dia.
10.6
45
40
45
25
20
2.1
25
20
2.5
(R)
2.1 dia.
2.3 dia.
2.3 dia.
40
28.2
113±5
Four, 2.2 dia.
10.6
1
Max. 3.2
Max. 4
Max. 4.9
Max. 2.8
1
1
Max. 3.2
Max. 4
Max. 2.8
1
Max. 11.9
45
40±0.1
45
40±0.1
25
20±0.1
25
20±0.1
Four, 4 dia.
Do not install metallic parts for
mounting on the shaded areas.
Four, 4 dia.
Four, M2
Four, M2
Main board
Camera board
Dimensions when mounted


유사한 부품 번호 - B5T-007001

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
B5TS MSYSTEM-B5TS Datasheet
118Kb / 2P
   Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
More results

유사한 설명 - B5T-007001

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
RPM-6.0-EVM-1 RECOM-RPM-6.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM-1.0-EVM-1 RECOM-RPM-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM-2.0-EVM-1 RECOM-RPM-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM-3.0-EVM-1 RECOM-RPM-3.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
logo
Texas Instruments
TC221 TI-TC221 Datasheet
218Kb / 14P
[Old version datasheet]   SMALL-FORMAT CCD IMAGE SENSORS
logo
List of Unclassifed Man...
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
Rohm
BD35395FJ-M ROHM-BD35395FJ-M Datasheet
697Kb / 19P
   Incorporates an enabler
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
   CMOS Driver for VGA-Format Image Sensors
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com