전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCA0617 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 LCA0617
상세설명  Carbon Film Resistors, Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCA0617 데이터시트(HTML) 3 Page - Vishay Siliconix

  LCA0617 Datasheet HTML 1Page - Vishay Siliconix LCA0617 Datasheet HTML 2Page - Vishay Siliconix LCA0617 Datasheet HTML 3Page - Vishay Siliconix LCA0617 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
98
Document Number 20135
Revision 03-Sep-03
LCA.... / SK.
Vishay Draloric
For Technical Questions, contact ff1aresistors@vishay.com
10
100
1K
10K
100K
1M
10M
Carbon Film Resistors, Standard
100
1K
10K
100K
1M
10M
RESISTANCE VALUE [
]
NON-LINEARITY
0204
0922/933
0617
120
110
100
90
80
70
60
3
1K
10K
100K
1M
10M
2
1
0.5
0.3
0,2
0,1
0.05
0.03
0.02
0.01
5
RESISTANCE VALUE [
]
CURRENT NOISE
0204
0922/0933
0617
TEMPERATURE COEFFICIENT
(mean value) between -25... +125˚C deviation
± 25%
0309
0207
0204
0933
0922
0617/0719
0411/0414
0
-200
-400
-600
-800
-1000
-1200
STABILITY NOMOGRAM, TYPICAL VALUES (For handling see General Information)
140
120
100
80
60
40
20
0
ϑü = f [ϑs]
PARAMETER:
ϑu
20
40
60
80
100
120 140 160 180
FILM TEMPERATURE
ϑs [°C]
∆ R/R [t = 1000 h] = f [ϑs]
PARAMETER: RESISTANCE VALUE
LOAD P [W]
140
120
100
80
60
40
20
0
0.1
0.5
1
5
10
20
40
60
80
100
120
140
160 180
FILM TEMPERATURE
ϑs [°C]
0.1
0.1
1
5
10
100
30
1 0
3
1
0.3
0.1
RESISTANCE CHANGE
∆ R/R [%]
∆ R/R (t) = f [∆R/R (t = 1000h)]
PARAMETER : TIME
2.2 2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
ϑü = f [P]
PARAMETER : SIZE
t =
100,000
h
10,000
h
5000
h
2000
h
1000
h
1M
100K
100R-1K
10K
40˚C
60˚C
100˚C
120˚C
80˚C
140˚C
ϑϑϑϑϑu
=
20˚C
0933
0922
0719
0617 0414 0411 0309 0207 0204
0309/0411/0414
0207
0207
0309/0411/0414
ENDURANCE
at upper category temperature, 155˚C 1000h
RESISTANCE VALUE [
]
100
1K
10K
100K
1M
10M
3
2
1
0
-1
-2


유사한 부품 번호 - LCA0617

제조업체부품명데이터시트상세설명
logo
C&K Components
LCA06150P00C CK-COMPONENTS-LCA06150P00C Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
LCA06150P00SC CK-COMPONENTS-LCA06150P00SC Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
LCA06150SC CK-COMPONENTS-LCA06150SC Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
More results

유사한 설명 - LCA0617

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CFA0207 VISHAY-CFA0207 Datasheet
90Kb / 2P
   Carbon Film Resistors, Standard
Revision 05-Jun-03
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com