전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTS-546AHR 데이터시트(PDF) 4 Page - Lite-On Technology Corporation

부품명 LTS-546AHR
상세설명  0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-546AHR 데이터시트(HTML) 4 Page - Lite-On Technology Corporation

  LTS-546AHR Datasheet HTML 1Page - Lite-On Technology Corporation LTS-546AHR Datasheet HTML 2Page - Lite-On Technology Corporation LTS-546AHR Datasheet HTML 3Page - Lite-On Technology Corporation LTS-546AHR Datasheet HTML 4Page - Lite-On Technology Corporation LTS-546AHR Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#$



<,=-..-7/4-0,= ,3,04
@
$
,/C"=</=29==,04,= ,3,04
948815,;.95.,$-24+


04-099."=</=29==,04,= ,3,04
,=/4-03-0,/="=,= ,3,04




,6,=.,(54/3,,= ,3,04
(
7,=/4-03,7,=/49=,/03,
4DA
4=/3,,7,=/49=,/03,
4DA
52,=,7,=/49=,-01+,5< ,/4-035/0,= ,102./4
%&!"#$

       
6,=/3,9-09.04,0.-48

A@ 
µ12
E
,/C-..-0$/6,5,034+
λ7

0
E
7,14=/5-0,/5 $-24+
∆λ

0
E
-0/04$/6,5,034+
λ2

0
E
"=</=2(54/3,,= ,3,04
(


(
E
,6,=.,9==,04,= ,3,04


µ
(E(
9-09.04,0.-48#/41+-03/4-
 

E
4, 9-09. -04,0.-48 -. ,/.9=,2 <-4+ / 5-3+4 .,0.= /02 -54,= 1>-0/4-0 4+/4
/77=F-/4,.4+,1-.-0-04,=0/4-0/5,,G15/=-/3, ,8, =,.70.,19=6,


유사한 부품 번호 - LTS-546AHR

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
   0.52 inch (13.2mm) digit height single digit seven-segment display
LTS-547AHR LITEON-LTS-547AHR Datasheet
130Kb / 5P
   0.52 Inch (13.2 mm) digit height single digit seven-segment display
LTS-547AP LITEON-LTS-547AP Datasheet
128Kb / 5P
   0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
More results

유사한 설명 - LTS-546AHR

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTS547AP LITEON-LTS547AP Datasheet
128Kb / 5P
   0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
   0.52 inch (13.2mm) digit height single digit seven-segment display
LTS-547AHR LITEON-LTS-547AHR Datasheet
130Kb / 5P
   0.52 Inch (13.2 mm) digit height single digit seven-segment display
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
   0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS367G LITEON-LTS367G Datasheet
124Kb / 5P
   0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
logo
BetLux Electronics
BL-S52A-12 BETLUX-BL-S52A-12 Datasheet
311Kb / 5P
   13.20mm (0.52) Single digit Seven Segment LED display series
BL-S52A-11 BETLUX-BL-S52A-11 Datasheet
308Kb / 5P
   13.20mm (0.52) Single digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com