전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2401 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SI2401
상세설명  V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI2401 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI2401 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
Si2401
Preliminary Rev. 0.9
7
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-Grade, Fs = 8 kHz)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
kHz
Clock Input Frequency
FXTL
default
4.9152
MHz
Clock Input Frequency
FXTL
>10 k
Ω resistor between pin 11
and GND
—27
MHz
Transmit Frequency Response
Low –3 dBFS Corner
0
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full Scale Level1
VFS
—1
VPEAK
Receive Full Scale Level1,2
VFS
—1
VPEAK
Dynamic Range3
DR
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—80
dB
Dynamic Range3
DR
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—80
dB
Dynamic Range3
DR
ILIM = 1, DCV = 11, MINI=00
DCR = 0, IL =50mA
—80
dB
Transmit Total Harmonic
Distortion4
THD
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—–72
dB
Transmit Total Harmonic
Distortion4
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion4
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion4
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Dynamic Range (Caller ID mode)
DRCID
VIN= 1kHz, –13dBFS
50
dB
Notes:
1. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1 on page 6.
2. Receive full scale level produces –0.9 dBFS at DTX.
3. DR
= 20 x log (rms VFS/rms Vin) + 20 x log (rms Vin/rms noise).
4. THD
= 20 x log (rms distortion/rms signal).Vin = 1kHz, –3 dBFS.


유사한 부품 번호 - SI2401

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2401-FS SILABS-SI2401-FS Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
More results

유사한 설명 - SI2401

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com