전자부품 데이터시트 검색엔진 |
|
SS6734-25GZTTR 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SS6734-25GZTTR 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 9 page www.SiliconStandard.com 1 of 9 SS6734G 1/15/2005 Rev.2.10 300mA Low Dropout Linear Regulator FEATURES Low dropout voltage of 470mV at an output current of 300mA (3.0V output version). Guaranteed 300mA output current. Low ground current of 55 µA. Output voltage accuracy of 2% at 1.8V/ 2.0V /2.5V /2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/5.2V Only needs 1 µF output capacitor for stability. Current and thermal limiting. APPLICATIONS CD-ROM Drivers. LAN Cards. Microprocessors. DRAM Modules. Wireless Communication Systems. Battery Powered Systems. DESCRIPTION The SS6734G is a 3-pin low-dropout linear regulator with superior characteristics, which include zero base current loss, very low drop- out voltage, and output voltage accuracy of 2%. Typical ground current remains approximately 55 µA, for loads ranging from zero to maximum. Dropout voltage at an output current of 300mA is exceptionally low. Built-in output current limiting and thermal limiting provide maximum protection against fault conditions. The SS6734G is available in SOT-23-3, SOT-89, and TO-92 packages. TYPICAL APPLICATION CIRCUIT + + SS6734G 1 µF COUT VOUT VOUT GND VIN 1 µF CIN VIN Low Dropout Linear Regulator (CIN and COUT are electrolytic capacitor) Pb-free lead finish (second-level interconnect). |
유사한 부품 번호 - SS6734-25GZTTR |
|
유사한 설명 - SS6734-25GZTTR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |