전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8922BJ 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8922BJ
상세설명  2 X 50 W class-D power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922BJ 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8922BJ Datasheet HTML 3Page - NXP Semiconductors TDA8922BJ Datasheet HTML 4Page - NXP Semiconductors TDA8922BJ Datasheet HTML 5Page - NXP Semiconductors TDA8922BJ Datasheet HTML 6Page - NXP Semiconductors TDA8922BJ Datasheet HTML 7Page - NXP Semiconductors TDA8922BJ Datasheet HTML 8Page - NXP Semiconductors TDA8922BJ Datasheet HTML 9Page - NXP Semiconductors TDA8922BJ Datasheet HTML 10Page - NXP Semiconductors TDA8922BJ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
7 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
When switching from standby to mute, there is a delay of 100 ms before the output starts
switching. The audio signal is available after Vmode has been set to operating, but not earlier
than 150 ms after switching to mute. For pop-noise free start-up it is recommended that the
time constant applied to the MODE pin is at least 350 ms for the transition between mute and
operating.
When switching directly from standby to operating, there is a first delay of 100 ms before the
outputs starts switching. The audio signal is available after a second delay of 50 ms. For
pop-noise free start-up it is recommended that the time constant applied to the MODE pin is at
least 350 ms for the transition between standby and operating
Fig 5.
Timing on mode selection input.
2.2 V
< Vmode < 3 V
audio output
operating
standby
mute
50 %
duty cycle
> 4.2 V
0 V (SGND)
time
coa024
Vmode
100 ms
50 ms
modulated PWM
> 350 ms
2.2 V
< Vmode < 3 V
audio output
operating
standby
mute
50 %
duty cycle
> 4.2 V
0 V (SGND)
time
Vmode
100 ms
50 ms
modulated PWM
> 350 ms


유사한 부품 번호 - TDA8922BJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

유사한 설명 - TDA8922BJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com