전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JFN1104LS-AR 데이터시트(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

부품명 JFN1104LS-AR
상세설명  Wide range temperature applicable product
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JFN1104LS-AR 데이터시트(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button JFN1104LS-AR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JFN1104LS-AR
Soldering condition
4.
If soldering manually, Stanley recommends using a soldering iron equipped with temperature control.
During the actual soldering process, make sure that the soldering iron never touch the LED itself, and
avoid the LED's electrode heating temperature reaching above the heating temperature of the solder
pad. All repairs must be performed only once in the same spot, and please avoid reusing components.
5.
In soldering process, immediately after iron tip is cleaned, please make sure that the soldering iron
reaches the appropriate temperature before using. Also, please avoid applying any type of pressure to
the soldered components before the solder has been cooled and hardened, as it may deteriorate solder
performance and solder quality.
6.
When using adhesive material for tentative fixatives, thermosetting resin or Ultraviolet radiation (UV)
setting resin with heat shall be recommended.
《The curing condition, Temperature:150℃Max./Time:120sec.Max.》
7.
Flow soldering (dip soldering) is not recommended for this product.
8.
lsopropyl alcohol is recommended for cleaning. Some chemicals, including Freon substitute detergent
could corrode the lens or the casing surface, which cause discoloration, cloud, crack and so on. Please
review the reference chart below for cleaning. If water is used to clean (including the final cleaning
process), please use pure water (not tap water), and completely dry the component before using.
【Recommended Manual Soldering Condition】
Temperature of Iron Tip
350℃MAX.
Soldering Duration, Time
3sec.Max.,1 time
Chemical
Adaptability
Isopropyl Alcohol
Trichloroethylene
×
Chlorothene
×
Acetone
×
Thinner
×
Page : 10
2013.6.21


유사한 부품 번호 - JFN1104LS-AR

제조업체부품명데이터시트상세설명
logo
jb Capacitors Company
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
More results

유사한 설명 - JFN1104LS-AR

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
VFSY1104LS-TR STANLEY-VFSY1104LS-TR Datasheet
823Kb / 22P
   Wide range temperature applicable product
VCHB1104LSE-TR STANLEY-VCHB1104LSE-TR Datasheet
776Kb / 23P
   Wide range temperature applicable product
VCEG1104LS-TR STANLEY-VCEG1104LS-TR Datasheet
823Kb / 23P
   Wide range temperature applicable product
VFSR1104LS-TR STANLEY-VFSR1104LS-TR Datasheet
844Kb / 22P
   Wide range temperature applicable product
VCEB1104LS-TR STANLEY-VCEB1104LS-TR Datasheet
837Kb / 23P
   Wide range temperature applicable product
JGN1104LS-AR STANLEY-JGN1104LS-AR Datasheet
649Kb / 23P
   Wide range temperature applicable product
1104LS STANLEY-1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
VCEW1154LDS-3C4K3-TR STANLEY-VCEW1154LDS-3C4K3-TR Datasheet
793Kb / 24P
   Wide range temperature applicable product
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com