전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

INA253 데이터시트(HTML) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 INA253
상세내용  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-mΩ Precision Low Inductive Shunt Resistor
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

INA253 데이터시트(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 24 page
 11 / 24 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
11
INA253
www.ti.com
SLOS954 – MAY 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 5. Adjusting the Output Midpoint
8.4.2 Reference Pin Connections for Unidirectional Current Measurements
Unidirectional operation allows current measurements through a resistive shunt in one direction. For
unidirectional operation, connect the device reference pins together and then to the negative rail (see the Ground
Referenced Output section) . The required differential input polarity depends on the output voltage setting. The
amplifier output moves away from the referenced rail proportional to the current passing through the internal
shunt resistor.
8.4.3 Ground Referenced Output
When using the INA253 in a unidirectional mode with a ground referenced output, both reference inputs are
connected to ground; this configuration takes the output to ground when there is a 0-A flowing across the internal
shunt (as Figure 6 shows).
Figure 6. Ground Referenced Output
8.4.4 Reference Pin Connections for Bidirectional Current Measurements
Bidirectional operation allows the INA253 to measure currents through a resistive shunt in two directions. For this
operation case, the output voltage can be set anywhere within the reference input limits. A common configuration
is to set the reference inputs at half-scale for equal range in both directions. However, the reference inputs can
be set to a voltage other than half-scale when the bidirectional current is non-symmetrical.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn