전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AON6760 데이터시트(PDF) 5 Page - Alpha & Omega Semiconductors

부품명 AON6760
상세설명  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6760 데이터시트(HTML) 5 Page - Alpha & Omega Semiconductors

  AON6760 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AON6760
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
20
40
60
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 12: Power De-rating (Note F)
0
20
40
60
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 13: Current De-rating (Note F)
1
10
100
1000
10000
1E-05
0.001
0.1
10
1000
Pulse Width (s)
T
A=25°C
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note H)
RθJA=55°C/W
Rev.1.0: November 2013
www.aosmd.com
Page 5 of 6


유사한 부품 번호 - AON6760

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON6764 AOSMD-AON6764 Datasheet
248Kb / 6P
   30V N-Channel SRFET
More results

유사한 설명 - AON6760

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com