전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ANNE-50E 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 ANNE-50E
상세설명  Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ANNE-50E 데이터시트(HTML) 2 Page - Mini-Circuits

  ANNE-50E Datasheet HTML 1Page - Mini-Circuits ANNE-50E Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Maximum Ratings
Termination 1.85mm
REV. OR
M167043
ANNE-50E+
RS/CP/AM
180329
CASE STYLE: LL2587
Connector
Model
1.85 mm-M
ANNE-50E+
Frequency
(MHz)
Return Loss
(dB)
ANNE-50E+
50Ω
DC to 65 GHz
Outline Drawing
Outline Dimensions (
)
inch
mm
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
65
GHz
Impedance
50
Ohms
Return Loss
DC - 18
20.8
26
dB
18 -40
17.7
22
40 - 65
14.7
20
Input Power1
DC - 65
1
W
10
20
30
40
50
60
70
0
10000 20000 30000 40000 50000 60000 70000
FREQUENCY (MHz)
ANNE-50E+
RETURN LOSS
1. At 25°C, derate linearly to 100 mW at 100°C.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
A
B
C
D
E
wt
.69
.312
.31
.281
.36
grams
17.5
7.92
7.9
7.14
9.14
4.6
Features
• test and measurement equipment
• test labs
• defense and aerospace
• 5G applications
• Q and V band communication links
• wideband coverage, DC to 65 GHz
• return loss, 22 dB typ. up to 40 GHz
and 20 dB typ. up to 65 GHz
• rugged construction
• mechanically compatible with 2.4 mm connectors
Applications
10
62.69
100
58.55
1000
40.59
5000
32.14
10000
32.46
15000
34.82
20000
27.60
30000
23.88
40000
32.40
50000
22.45
60000
17.83
65000
29.36
Coaxial


유사한 부품 번호 - ANNE-50E

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ANNE-50++ MINI-ANNE-50+ Datasheet
82Kb / 1P
   Termination SMA
ANNE-50K MINI-ANNE-50K Datasheet
171Kb / 2P
   Termination
ANNE-50K++ MINI-ANNE-50K+ Datasheet
171Kb / 2P
   Termination
ANNE-50L MINI-ANNE-50L Datasheet
142Kb / 1P
   Termination SMA
ANNE-50L++ MINI-ANNE-50L+ Datasheet
142Kb / 1P
   Termination SMA
More results

유사한 설명 - ANNE-50E

제조업체부품명데이터시트상세설명
logo
JFW Industries, Inc.
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
   TERMINATION
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
   TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
   TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
   TERMINATION
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
   Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
   Termination
logo
Mini-Circuits
ANNE-50V MINI-ANNE-50V Datasheet
196Kb / 2P
   Termination
logo
JFW Industries, Inc.
50T-549 JFW-50T-549 Datasheet
26Kb / 1P
   TERMINATION
50T-552 JFW-50T-552 Datasheet
25Kb / 1P
   TERMINATION
50T-001 JFW-50T-001_11 Datasheet
65Kb / 1P
   TERMINATION
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com