전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFX1200B-3F900I 데이터시트(PDF) 8 Page - Lattice Semiconductor

부품명 LFX1200B-3F900I
상세설명  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX1200B-3F900I 데이터시트(HTML) 8 Page - Lattice Semiconductor

Back Button LFX1200B-3F900I Datasheet HTML 4Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 5Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 6Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 7Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 8Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 9Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 10Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 11Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
8
Figure 6. ispXPGA Wide Logic Generator
Configurable Sequential Element
There are two registers in each CSE for a total of eight registers in each PFU. This high register count assists in
implementing efficient pipelined applications with no utilization penalty. Each register can be configured as a latch
or D type flip-flop with either synchronous or asynchronous set or reset. Figure 2 shows the signals that feed the
register’s D inputs. Feed-through signals in the architecture ensure that registers are efficiently utilized even if the
accompanying LUT is occupied.
Control Logic
The control signals available to the registers in a PFU are Clock, Clock Enable, and Set/Reset. Figure 7 shows the
various options available to generate the clock signal. As can be seen, the clock signal is the output of a 12:1 MUX
with true and compliment versions available from the 12:1 MUX. Each CSE can chose whether it uses the true or
compliment form of the clock. Figure 8 shows the Set/Reset selection for each PFU in the ispXPGA. A common
4B
S2
4C
S1
4D
S0
COUT
WLGW0
WLGW1
WLGX0
WLGX1
WLGY0
WLGY1
WLGZ0
WLGZ1
4A
S3
SEL0
SEL1
SEL2
WIN2
WIN3
XIN2
XIN3
YIN2
YIN3
ZIN2
ZIN3
SEL3


유사한 부품 번호 - LFX1200B-3F900I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LFX1200B-3F900I LATTICE-LFX1200B-3F900I Datasheet
535Kb / 115P
   ispXPGA Family
More results

유사한 설명 - LFX1200B-3F900I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com