전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT3G14 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HCT3G14
상세설명  Inverting Schmitt-triggers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT3G14 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HCT3G14 Datasheet HTML 1Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 2Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 3Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 4Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2003 Nov 04
2
Philips Semiconductors
Product specification
Inverting Schmitt-triggers
74HC3G14; 74HCT3G14
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Unlimited input rise and fall times
• Very small 8 pins package
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
APPLICATIONS
• Wave and pulse shapers for highly noisy environments
• Astable multivibrators
• Monostable multivibrators
• Output capability: standard.
DESCRIPTION
The 74HC3G/HCT3G14 is a high-speed Si-gate CMOS
device.
The 74HC3G/HCT3G14 provides three inverting buffers
with Schmitt-trigger action. This device is capable of
transforming slowly changing input signals into sharply
defined, jitter-free output signals.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. For HC3G14 the condition is VI = GND to VCC.
For HCT3G14 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC3G14
HCT3G14
tPHL/tPLH
propagation delay nA to nY
CL = 50 pF; VCC = 4.5 V 1621ns
CI
input capacitance
2
2
pF
CPD
power dissipation capacitance per buffer
notes 1 and 2
10
10
pF


유사한 부품 번호 - 74HCT3G14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT3G14 NXP-74HCT3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HCT3G14DC NXP-74HCT3G14DC Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HCT3G14DC NEXPERIA-74HCT3G14DC Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
More results

유사한 설명 - 74HCT3G14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC2G14 PHILIPS-74HC2G14 Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com