전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA28F800BV-B60 데이터시트(PDF) 3 Page - Intel Corporation

부품명 TPA28F800BV-B60
상세설명  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

TPA28F800BV-B60 데이터시트(HTML) 3 Page - Intel Corporation

  TPA28F800BV-B60 Datasheet HTML 1Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 2Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 3Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 4Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 5Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 6Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 7Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 8Page - Intel Corporation TPA28F800BV-B60 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
3
SEE NEW DESIGN RECOMMENDATIONS
CONTENTS
PAGE
PAGE
1.0 PRODUCT FAMILY OVERVIEW.....................5
1.1 New Features in the SmartVoltage Products 5
1.2 Main Features ..............................................5
1.3 Applications..................................................6
1.4 Pinouts.........................................................7
1.5 Pin Descriptions .........................................11
2.0 PRODUCT DESCRIPTION............................13
2.1 Memory Blocking Organization...................13
2.1.1 One 16-KB Boot Block.........................13
2.1.2 Two 8-KB Parameter Blocks................13
2.1.3 One 96-KB + One 128-KB Main Block.13
3.0 PRODUCT FAMILY PRINCIPLES OF
OPERATION ................................................15
3.1 Bus Operations ..........................................15
3.2 Read Operations ........................................15
3.2.1 Read Array ..........................................15
3.2.2 Intelligent Identifiers ............................17
3.3 Write Operations ........................................17
3.3.1 Command User Interface (CUI) ...........17
3.3.2 Status Register....................................20
3.3.3 Program Mode.....................................21
3.3.4 Erase Mode .........................................21
3.4 Boot Block Locking ....................................22
3.4.1 VPP = VIL for Complete Protection .......22
3.4.2 WP# = VIL for Boot Block Locking .......22
3.4.3 RP# = VHH or WP# = VIH for Boot Block
Unlocking ...........................................22
3.4.4 Upgrade Note for 8-Mbit 44-PSOP
Package .............................................22
3.5 Power Consumption...................................26
3.5.1 Active Power .......................................26
3.5.2 Automatic Power Savings (APS) .........26
3.5.3 Standby Power ....................................26
3.5.4 Deep Power-Down Mode.....................26
3.6 Power-Up/Down Operation.........................26
3.6.1 RP# Connected To System Reset .......26
3.6.2 VCC, VPP AND RP# Transitions............27
3.7 Power Supply Decoupling ..........................27
3.7.1 VPP Trace On Printed Circuit Boards ..27
4.0 ELECTRICAL SPECIFICATIONS..................28
4.1 Absolute Maximum Ratings ........................28
4.2 Commercial Operating Conditions ..............28
4.2.1 Applying VCC Voltages.........................29
4.3 Capacitance ...............................................29
4.4 DC Characteristics—Commercial ...............30
4.5 AC Characteristics—Commercial ...............34
4.6 AC Characteristics—WE#-Controlled Write
Operations—Commercial ..........................37
4.7 AC Characteristics—CE#-Controlled Write
Operations—Commercial ..........................40
4.8 Erase and Program Timings—Commercial.43
4.9 Extended Operating Conditions..................43
4.9.1 Applying VCC Voltages.........................44
4.10 Capacitance .............................................44
4.11 DC Characteristics—Extended
Temperature Operations............................45
4.12 AC Characteristics—Read Only
Operations—Extended Temperature .........49
4.13 AC Characteristics—WE#-Controlled Write
Operations— Extended Temperature ........50
4.14 AC Characteristics—CE#-Controlled Write
Operations— Extended Temperature ........52
4.15 Erase and Program Timings—Extended
Temperature..............................................53
5.0 ORDERING INFORMATION..........................54
6.0 ADDITIONAL INFORMATION .......................55
Related Intel Information ..................................55


유사한 부품 번호 - TPA28F800BV-B60

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

유사한 설명 - TPA28F800BV-B60

제조업체부품명데이터시트상세설명
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com