전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C00 데이터시트(PDF) 4 Page - Catalyst Semiconductor

부품명 CAT24C00
상세설명  128-bit Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C00 데이터시트(HTML) 4 Page - Catalyst Semiconductor

  CAT24C00 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C00 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT24C00
4
Doc. No. 1027, Rev. N
FUNCTIONAL DESCRIPTION
The CAT24C00 supports the I2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol defines
any device that sends data to the bus to be a transmitter
and any device receiving data to be a receiver. Data
transfer is controlled by the Master device which
generates the serial clock and all START and STOP
conditions for bus access. The CAT24C00 operates as
a Slave device. Both the Master and Slave devices can
operate as either transmitter or receiver, but the Master
device controls which mode is activated.
PIN DESCRIPTIONS
SCL:
Serial Clock
The CAT24C00 serial clock input pin is used to clock all
data transfers into or out of the device. This is an input
pin.
SDA:
Serial Data/Address
The CAT24C00 bidirectional serial data/address pin is
used to transfer data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed with
other open drain or open collector outputs.
I2C BUS PROTOCOL
The following defines the features of the I2C bus protocol:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
Figure 3. Start/Stop Timing
5020 FHD F05
5020 FHD F04
5020 FHD F03
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


유사한 부품 번호 - CAT24C00

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
More results

유사한 설명 - CAT24C00

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
logo
Microchip Technology
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
   128 Bit I2C Bus Serial EEPROM
2003
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
   128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
logo
ON Semiconductor
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com