전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5601 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN5601
상세설명  Regulated Step-Down Charge Pump DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5601 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5601 Datasheet HTML 6Page - Fairchild Semiconductor FAN5601 Datasheet HTML 7Page - Fairchild Semiconductor FAN5601 Datasheet HTML 8Page - Fairchild Semiconductor FAN5601 Datasheet HTML 9Page - Fairchild Semiconductor FAN5601 Datasheet HTML 10Page - Fairchild Semiconductor FAN5601 Datasheet HTML 11Page - Fairchild Semiconductor FAN5601 Datasheet HTML 12Page - Fairchild Semiconductor FAN5601 Datasheet HTML 13Page - Fairchild Semiconductor FAN5601 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FAN5601
PRODUCT SPECIFICATION
REV. 1.0.4 4/4/05
11
charge cycle. Full switch operation occurs only during star-
tup or under heavy load condition, when half switch opera-
tion cannot achieve regulation within seven charge cycles.
Soft Start
The soft-start feature limits inrush current when the device is
initially powered up and enabled. The reference voltage is
used to control the rate of the output voltage ramp-up to its
final value. Typical start-up time is 1ms. Since the rate of the
output voltage ramp-up is controlled by an internally gener-
ated slow ramp, pulse-skipping occurs and inrush current is
automatically limited.
Shutdown, UVLO, Short Circuit Current Limit
and Thermal Shutdown
The device has an active-low shutdown pin to decrease sup-
ply current to less than 1
µA. In shutdown mode the supply is
disconnected from the output. UVLO triggers when supply
voltage drops below 2V. When the output voltage is lower
than 150mV, a short circuit protection is triggered. In this
mode 15 out of 16 pulses during the switching will be
skipped and the supply current is limited. Thermal shutdown
triggers at 150ºC.
Switch Configuration
S1
S2
S3
S4
V
IN
GND
C+
VOUT
C-
C
OUT
2:1 configuration
Switches in charging phase
Reverse all switches for pumping phase
C
B
S1
S3
S4
V
IN
GND
C+
VOUT
C-
C
OUT
1:1 configuration
Switch 3 is always off and
Switch 4 is always on
Switches 1 and 2 are in phase 1
Reverse the position of switches 1&2
for phase 2
C
B
S2
Figure 1. (A)
Figure 1. (B)


유사한 부품 번호 - FAN5601

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

유사한 설명 - FAN5601

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com