전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS4685 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS4685
상세설명  40V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4685 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS4685 Datasheet HTML 1Page - Fairchild Semiconductor FDS4685 Datasheet HTML 2Page - Fairchild Semiconductor FDS4685 Datasheet HTML 3Page - Fairchild Semiconductor FDS4685 Datasheet HTML 4Page - Fairchild Semiconductor FDS4685 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FDS4685 Rev. C(W)
Typical Characteristics:
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = -10V
-6.0V
-4.0V
-4.5V
-3.0V
-3.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
010
20
304050
-ID, DRAIN CURRENT (A)
V
GS = - 3.5V
-4.5V
-8.0V
-6.0V
-5.0V
-10V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE ( °C)
I
D = -8.2A
V
GS = - 10V
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
2468
10
-VGS, GATE TO SOURCE VOLTAGE (V)
I
D = -4.1A
T
A = 125° C
T
A = 25° C
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
1.5
2
2.5
3
3.5
4
4.5
-V
GS, GATE TO SOURCE VOLTAGE (V)
T
A = -55° C
25
°C
125
°C
V
DS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-V
SD, BODY DIODE FORWARD VOLTAGE (V)
V
GS = 0V
T
A = 125° C
25
°C
-55
°C
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDS4685

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
FDS4685 TECHPUBLIC-FDS4685 Datasheet
3Mb / 5P
   P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

유사한 설명 - FDS4685

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDD4243 FAIRCHILD-FDD4243 Datasheet
419Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com