전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS9934C 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDS9934C
상세설명  Complementary
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9934C 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDS9934C Datasheet HTML 1Page - Fairchild Semiconductor FDS9934C Datasheet HTML 2Page - Fairchild Semiconductor FDS9934C Datasheet HTML 3Page - Fairchild Semiconductor FDS9934C Datasheet HTML 4Page - Fairchild Semiconductor FDS9934C Datasheet HTML 5Page - Fairchild Semiconductor FDS9934C Datasheet HTML 6Page - Fairchild Semiconductor FDS9934C Datasheet HTML 7Page - Fairchild Semiconductor FDS9934C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS9934C Rev D(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V,
ID = 250 µA
VGS = 0 V,
ID = –250 µA
Q1
Q2
20
–20
V
∆BVDSS
∆T
J
Breakdown Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = –250
µA, Referenced to 25°C
Q1
Q2
14
–14
mV/
°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 16V,
VGS = 0 V
VDS = –16V,
VGS = 0 V
Q1
Q2
1
–1
µA
IGSS
Gate-Body Leakage
VGS = ±8 V,
VDS = 0 V
VGS = ±12 V, VDS = 0 V
Q1
Q2
±100
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
VDS = VGS,
ID = 250 µA
Q1
Q2
0.6
–0.6
1
–0.9
1.5
–1.2
V
∆VGS(th)
???
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250 uA, Referenced to 25°C
ID = 250 uA, Referenced to 25°C
Q1
Q2
–3
3
mV/
°C
VGS = 4.5 V,
ID = 6.5 A
VGS = 2.5 V,
ID = 5.4 A
VGS = 4.5 V, ID =6.5A, TJ=125
°C
Q1
25
35
35
30
43
50
m
RDS(on)
Static Drain-Source
On-Resistance
VGS = –4.5 V, ID = –3.2 A
VGS = –2.5 V, ID = –1.0 A
VGS = –4.5 V,ID = –3.2 A, TJ=125
°C
Q2
43
64
55
55
90
76
m
ID(on)
On-State Drain Current
VGS = 4.5V,
VDS = 5 V
VGS = –4.5 V, VDS = – 5 V
Q1
Q2
15
–16
A
gFS
Forward Transcoductance
VDS = –5 V,
ID = 6.5 A
VDS = 5 V,
ID = – 5.5 A
Q1
Q2
22
14
S
S
Dynamic Characteristics
Ciss
Input Capacitance
Q1
Q2
650
955
pF
Coss
Output Capacitance
Q1
Q2
150
215
pF
Crss
Reverse Transfer Capacitance
Q1
VDS = 10V,
VGS = 0 V,
f = 1.0 MHz
Q2
VDS = –10 V, VGS = 0 V,
f = 1.0 MHz
Q1
Q2
85
115
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
Q1
Q2
1.4
4.9


유사한 부품 번호 - FDS9934C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9933-NL VBSEMI-FDS9933-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9933A FAIRCHILD-FDS9933A Datasheet
191Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9933A-NL VBSEMI-FDS9933A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - FDS9934C

제조업체부품명데이터시트상세설명
logo
Seme LAB
MD6003 SEME-LAB-MD6003 Datasheet
22Kb / 2P
   COMPLEMENTARY DUAL
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com