전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDW2511NZ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDW2511NZ
상세설명  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2511NZ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDW2511NZ Datasheet HTML 1Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 2Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 3Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 4Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 5Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 6Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 7Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 8Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDW2511NZ Rev. A
December 2004
www.fairchildsemi.com
1
FDW2511NZ
Dual N-Channel 2.5V Specified PowerTrench®
MOSFET
Features
! 7.1A, 20V
rDS(ON) =0.020Ω, VGS = 4.5V
rDS(ON) =0.025Ω, VGS = 2.5V
! Extended V
GS range (±12 V) for battery applications
! HBM ESD Protection Level of 3.5kV Typical (note 3)
! High performance trench technology for extremely low
rDS(ON)
! Low profile TSSOP-8 package
Applications
! Load switch
! Battery charge
! Battery disconnect circuits
General Description
This N-Channel MOSFET is produced using Fairchild
Semiconductor’s advanced PowerTrench process that has
been especially tailored to minimize the on-state resistance
and yet maintain low gate charge for superior switching
performance. These devices are well suited for portable
electronics applications.
TSSOP-8
D1
G1
S1
D2
G2
S2
S2
G2
D2
S2
G1
S1
S1
D1
Pin 1


유사한 부품 번호 - FDW2511NZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
493Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench짰 MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ_08 Datasheet
493Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench짰 MOSFET
More results

유사한 설명 - FDW2511NZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com