전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM573-S 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 FM573-S
상세설명  Nonvolatile Octal Latch/Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FM573-S 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM573-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM573-S Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ramtron
FM573/574
27 March 2001
6/10
Electrical Specifications
Absolute Maximum Ratings
Description
Ratings
Ambient storage or operating temperature
-40
°C to + 85°C
Voltage on any pin with respect to ground
-1.0V to +7.0V
D.C. output current on any pin
TBD
Lead temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only, and the functional operation of the device at these or any other conditions above those listed in the
operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability.
DC Operating Conditions TA = -40
° C to + 85° C, VDD = 2.7V to 5.5V unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
2.7
5.5
V
1
VMIN
State change blocked/restored
2.40
2.5
2.54
V
1,8
ISB
Quiescent Supply Current
125
µA
2
IDDDY
Dynamic Supply Current
ex. 3.3V, 10 MHz, 8 inputs
20pF*V*f*n
5.28
A
mA
3,4,5
IDDNV
State Change Supply Current
500
µA
5
ILI
Input Leakage Current
10
µA
6
ILO
Output Leakage Current
10
µA
6
VIL
Input Low Voltage
-0.3
0.3*VDD
V
1
VIH
Input High Voltage
0.7*VDD
VDD + 0.5
V
1
VOH
Output High Voltage
@ IOH = -8 mA VDD>4V
@ IOH = -8 mA VDD<4V
VDD-0.8
VDD-1.0
V
1,7
VOL
Output Low Voltage
@ IOL = 8 mA
0.8
V
1,7
Notes
1.
Referenced to VSS.
2.
C = VSS, all other inputs at VDD or VSS
3.
Dynamic supply current depends on the clock frequency, the frequency of inputs toggling, and the number of
bits toggling. In the formula, V = VDD; f is clock frequency; n is the number of bits switching. The Dn inputs
toggle at approximately a 50% duty-cycle at ½ of the frequency of C and comply with the minimum setup time.
Outputs are tri-stated. All input levels at VDD and VSS. If C is static but the inputs toggle (573 in transparent
mode), then the f should be the frequency of the inputs.
4.
In a realistic system, the IDD needed to drive the loads also should be considered. IL = CL*V*fo *n where CL is
the load capacitance, V is the output swing voltage, fo is the output frequency, and n is the number of bits
switching.
5.
Changes in state cause a nonvolatile write which adds a DC current component to the static power or dynamic
for the duration of the nonvolatile write operation. The total current consumption after each state change = ISB +
IDDNV + IDDDY. After the state change is recorded, total current consumption = ISB + IDDDY.
6.
VIN or VOUT = VSS to VDD
7.
This parameter is characterized but not tested.
8.
All state changes will be ignored when VDD is below VMIN. VDD rising above VMIN causes the user latch to be
restored from the nonvolatile latch.


유사한 부품 번호 - FM573-S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

유사한 설명 - FM573-S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SAB8282A SIEMENS-SAB8282A Datasheet
110Kb / 6P
   Octal Latch
logo
Intel Corporation
M8283 INTEL-M8283 Datasheet
207Kb / 4P
   OCTAL LATCH
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
PCA8550 TI-PCA8550_06 Datasheet
208Kb / 12P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F_06 Datasheet
498Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com