전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

REL-SG220 데이터시트(PDF) 3 Page - PHOENIX CONTACT

부품명 REL-SG220
상세설명  KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 220 V DC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

REL-SG220 데이터시트(HTML) 3 Page - PHOENIX CONTACT

  REL-SG220 Datasheet HTML 1Page - PHOENIX CONTACT REL-SG220 Datasheet HTML 2Page - PHOENIX CONTACT REL-SG220 Datasheet HTML 3Page - PHOENIX CONTACT REL-SG220 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/2960177
10/28/2014   Page 3 / 4
Single relay - REL-SG220/F104 - 2960177
Approvals
Approvals
Approvals
GOST
Ex Approvals
Approvals submitted
Approval details
GOST 
Drawings


유사한 부품 번호 - REL-SG220

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
REL-SG24 PHOENIX-REL-SG24 Datasheet
157Kb / 4P
   KAMMRELAIS 짰, contact B 110, size 2, low-level contact, 4 PDTs, input voltage 24 V DC
More results

유사한 설명 - REL-SG220

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
REL-F104 PHOENIX-REL-F104 Datasheet
145Kb / 4P
   KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 24 V DC
REL-SG110 PHOENIX-REL-SG110 Datasheet
91Kb / 4P
   KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 110 V DC
REL-SW120 PHOENIX-REL-SW120 Datasheet
91Kb / 4P
   KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 120 V AC
REL-SG48 PHOENIX-REL-SG48 Datasheet
89Kb / 4P
   KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 48 V DC
REL-SG60 PHOENIX-REL-SG60 Datasheet
89Kb / 4P
   KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 60 V DC
REL-SG12-24 PHOENIX-REL-SG12-24 Datasheet
131Kb / 4P
   KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 12-24 V DC
REL-B104 PHOENIX-REL-B104 Datasheet
89Kb / 4P
   KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 120 V AC
REL-SW24 PHOENIX-REL-SW24 Datasheet
87Kb / 4P
   KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 24 V AC
REL-SW230 PHOENIX-REL-SW230 Datasheet
86Kb / 4P
   KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 230 V AC
REL-SG24 PHOENIX-REL-SG24 Datasheet
157Kb / 4P
   KAMMRELAIS 짰, contact B 110, size 2, low-level contact, 4 PDTs, input voltage 24 V DC
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com