전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFG1216U2M-DEB 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KFG1216U2M-DEB
상세설명  FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1216U2M-DEB 데이터시트(HTML) 1 Page - Samsung semiconductor

  KFG1216U2M-DEB Datasheet HTML 1Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 2Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 3Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 4Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 5Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 6Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 7Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 8Page - Samsung semiconductor KFG1216U2M-DEB Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
OneNAND512/OneNAND1GDDP
FLASH MEMORY
1
OneNAND SPECIFICATION
Density
Part No.
VCC(core & IO)
Temperature
PKG
512Mb
KFG1216Q2M-DEB
1.8V(1.7V~1.95V)
Extended
63FBGA(LF)
KFG1216D2M-DEB
2.65V(2.4V~2.9V)
Extended
63FBGA(LF)
KFG1216U2M-DIB
3.3V(2.7V~3.6V)
Industrial
63FBGA(LF)
1Gb
KFH1G16Q2M-DEB
1.8V(1.7V~1.95V)
Extended
N/A
Version: Ver. 1.4
Date: June 15th, 2005


유사한 부품 번호 - KFG1216U2M-DEB

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KFG1216U2A SAMSUNG-KFG1216U2A Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DEB5 SAMSUNG-KFG1216U2A-DEB5 Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DEB6 SAMSUNG-KFG1216U2A-DEB6 Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DED5 SAMSUNG-KFG1216U2A-DED5 Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DED6 SAMSUNG-KFG1216U2A-DED6 Datasheet
1Mb / 114P
   FLASH MEMORY
More results

유사한 설명 - KFG1216U2M-DEB

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com