์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MSP430F2101 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Texas Instruments

Click here to check the latest version.
๋ถ€ํ’ˆ๋ช… MSP430F2101
์ƒ์„ธ๋‚ด์šฉ  MIXED SIGNAL MICROCONTROLLER
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

MSP430F2101 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
/ 53 page
 3 / 53 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C โˆ’ SEPTEMBER 2004 โˆ’ REVISED JULY 2006
3
POST OFFICE BOX 655303
โ€ข DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
DW, PW, or DGV
RGE
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK
13
13
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
P1.1/TA0
14
14
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output/BSL transmit
P1.2/TA1
15
15
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
16
16
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK/TCK
17
17
I/O
General-purpose digital I/O pin / SMCLK signal output
Test Clock input for device programming and test
P1.5/TA0/TMS
18
18
I/O
General-purpose digital I/O pin / Timer_A, compare: Out0 output
Test Mode Select input for device programming and test
P1.6/TA1/TDI/TCLK
19
20
I/O
General-purpose digital I/O pin / Timer_A, compare: Out1 output
Test Data Input or Test Clock Input for programming and test
P1.7/TA2/TDO/TDIโ€ 
20
21
I/O
General-purpose digital I/O pin / Timer_A, compare: Out2 output
Test Data Output or Test Data Input for programming and test
P2.0/ACLK/CA2
8
6
I/O
General-purpose digital I/O pin / ACLK output
Comparator_A+, CA2 input
P2.1/INCLK/CA3
9
7
I/O
General-purpose digital I/O pin / Timer_A, clock signal at INCLK
Comparator_A+, CA3 input
P2.2/CAOUT/
TA0/CA4
10
8
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0B input/BSL receive
Comparator_A+, output / CA4 input
P2.3/CA0/TA1
11
10
I/O
General-purpose digital I/O pin / Timer_A, compare: Out1 output
Comparator_A+, CA0 input
P2.4/CA1/TA2
12
11
I/O
General-purpose digital I/O pin / Timer_A, compare: Out2 output
Comparator_A+, CA1 input
P2.5/CA5
3
24
I/O
General-purpose digital I/O pin
Comparator_A+, CA5 input
XIN/P2.6/CA6
6
4
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Comparator_A+, CA6 input
XOUT/P2.7/CA7
5
3
I/O
Output terminal of crystal oscillator
general-purpose digital I/O pin
Comparator_A+, CA7 input
RST/NMI
7
5
I
Reset or nonmaskable interrupt input
TEST
1
22
I
Selects test mode for JTAG pins on Port1. The device protection fuse
is connected to TEST.
VCC
2
23
Supply voltage
VSS
4
2
Ground reference
QFN Pad
NA
Package Pad
NA
QFN package pad connection to VSS recommended.
โ€  TDO or TDI is selected via JTAG instruction.
NOTE: If XOUT/P2.7/CA7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver
connection to this pad after reset.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
AN5650SYNCHRONOUS SIGNAL PROCESSING IC FOR COLOR TV 1 Panasonic Semiconductor
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
TMP87C841NCMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
BCY34ASMALL SIGNAL PNP TRANSISTORS 1 2 Seme LAB
56F803716-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.
TMP88CP77FCMOS 8-BIT Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn