전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34921AE 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 MC34921AE
상세설명  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MC34921AE 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  MC34921AE Datasheet HTML 1Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 2Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 3Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 4Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 5Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 6Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 7Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 8Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34921
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. Terminal Function Description
Table 1. Terminal Function Description
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 18
Terminal
Terminal Name
Formal Name
Definition
1, 16, 17, 24,
32, 33, 41,
48, 49, 64
GND
Ground
Ground.
2
VCORE SELECT
Core Voltage Output
Select
Core voltage regulator output voltage select.
3SA/CDCMA
Unipolar Step A/
DC Motor C Output A
Step Motor Output A or DC Motor C Output A.
4SA/CDCMB
Unipolar Step A/
DC Motor C Output B
Step Motor Output A or DC Motor C Output B.
5SB/LSOUT1
Unipolar Step B/
Low-Side 1
Step Motor Output B or Low-Side Output 1.
6SB/LSOUT2
Unipolar Step B/
Low-Side 2
Step Motor Output B or Low-Side Output 2.
7, 20, 21, 28,
29, 62
B+
Power Supply Input
Motor and regulator input voltage.
8, 9, 25,
40, 57
NC
No Connect
No internal connection to this terminal.
GND
VCORE SELECT
SA/CDCMA
3.3V SWITCH
3.3 V
VCORE SUPPLY
VCORE
ADCMA
ADCMA
GND
SB/LSOUT2
B+
NC
NC
SA/CDCMB
SB/LSOUT1
GND
ENC_FILTA
ENC_FILTB
5 V
5 V SUPPLY
5 V SWITCH
5 V SELECT
BDCMA
BDCMA
GND
AN1/ANALOGOUT_B
AN0/ANALOGOUT_A
GND
NC
AN3/ANALOGIN_B
AN2/ANALOGIN_A
2
3
10
11
12
13
14
15
16
6
7
8
9
4
5
48
47
46
39
38
37
36
35
34
33
43
42
41
40
45
44
1


유사한 부품 번호 - MC34921AE

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34921AE FREESCALE-MC34921AE Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
MC34921AER2 FREESCALE-MC34921AER2 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

유사한 설명 - MC34921AE

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
34921 FREESCALE-34921 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com