전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PESD3V3V4UW 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 PESD3V3V4UW
상세설명  Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3V4UW 데이터시트(HTML) 4 Page - NXP Semiconductors

  PESD3V3V4UW Datasheet HTML 1Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 2Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 3Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 4Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 5Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 6Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 7Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 8Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9397 750 14481
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2005
4 of 11
Philips Semiconductors
PESDxV4UW series
Very low capacitance quadruple ESD protection diode arrays
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5; see Figure 1.
[2]
Measured from pin 1, 3, 4 or 5 to 2.
Table 8:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse stand-off voltage
PESD3V3V4UW
-
-
3.3
V
PESD5V0V4UW
-
-
5.0
V
IRM
reverse leakage current
see Figure 6;
PESD3V3V4UW
VRWM = 3.3 V
-
40
300
nA
PESD5V0V4UW
VRWM = 5.0 V
-
3
25
nA
VBR
breakdown voltage
IR = 1 mA
PESD3V3V4UW
5.3
5.6
5.9
V
PESD5V0V4UW
6.4
6.8
7.2
V
Cd
diode capacitance
f = 1 MHz; see Figure 5;
PESD3V3V4UW
VR = 0 V
-
15
18
pF
VR = 3.3 V
-
9
12
pF
PESD5V0V4UW
VR = 0 V
-
12
15
pF
VR = 5 V
-
6
9
pF
VCL
clamping voltage
[1] [2]
PESD3V3V4UW
IPP = 1 A
-
-
9
V
IPP = 2 A
-
-
11
V
PESD5V0V4UW
IPP = 1 A
-
-
11
V
IPP = 1.7 A
-
-
13
V
rdif
differential resistance
IR = 1 mA
PESD3V3V4UW
-
-
200
PESD5V0V4UW
-
-
100


유사한 부품 번호 - PESD3V3V4UW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PESD3V3V4UW NXP-PESD3V3V4UW Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESD3V3V4UW NEXPERIA-PESD3V3V4UW Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
More results

유사한 설명 - PESD3V3V4UW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com