전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMEG3015EV 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 PMEG3015EV
상세설명  30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3015EV 데이터시트(HTML) 4 Page - NXP Semiconductors

  PMEG3015EV Datasheet HTML 1Page - NXP Semiconductors PMEG3015EV Datasheet HTML 2Page - NXP Semiconductors PMEG3015EV Datasheet HTML 3Page - NXP Semiconductors PMEG3015EV Datasheet HTML 4Page - NXP Semiconductors PMEG3015EV Datasheet HTML 5Page - NXP Semiconductors PMEG3015EV Datasheet HTML 6Page - NXP Semiconductors PMEG3015EV Datasheet HTML 7Page - NXP Semiconductors PMEG3015EV Datasheet HTML 8Page - NXP Semiconductors PMEG3015EV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9397 750 14638
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 4 April 2005
4 of 10
Philips Semiconductors
PMEG3015EV
30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 1 mA
[1] -
125
160
mV
IF = 10 mA
[1] -
185
220
mV
IF = 100 mA
[1] -
255
290
mV
IF = 500 mA
[1] -
340
380
mV
IF =1 A
[1] -
410
480
mV
IF = 1.5 A
[1] -
480
550
mV
IR
reverse current
VR = 10 V
-
60
150
µA
VR = 30 V
-
400
1000
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
60
72
pF


유사한 부품 번호 - PMEG3015EV

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PMEG3015EV NEXPERIA-PMEG3015EV Datasheet
189Kb / 8P
   30 V, 1.5 A ultra low VF Schottky barrier rectifier
28 December 2022
logo
NXP Semiconductors
PMEG3015EV PHILIPS-PMEG3015EV_15 Datasheet
112Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 02-4 February 2010
More results

유사한 설명 - PMEG3015EV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMEG3015EV PHILIPS-PMEG3015EV_15 Datasheet
112Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 02-4 February 2010
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
PMEG3002TV PHILIPS-PMEG3002TV_15 Datasheet
112Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 02-15 January 2010
logo
Nexperia B.V. All right...
PMEG3015EH NEXPERIA-PMEG3015EH Datasheet
697Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
logo
NXP Semiconductors
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EV NEXPERIA-PMEG3015EV Datasheet
189Kb / 8P
   30 V, 1.5 A ultra low VF Schottky barrier rectifier
28 December 2022
logo
NXP Semiconductors
PMEG2015EPK PHILIPS-PMEG2015EPK_15 Datasheet
1Mb / 14P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-6 March 2012
logo
Nexperia B.V. All right...
PMEG2015EPK NEXPERIA-PMEG2015EPK Datasheet
1Mb / 15P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
PMEG4015EPK NEXPERIA-PMEG4015EPK Datasheet
1Mb / 15P
   40 V, 1.5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com