전자부품 데이터시트 검색엔진 |
|
SI3831DV 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
SI3831DV 데이터시트(HTML) 2 Page - Vishay Siliconix |
2 / 6 page Si3831DV Vishay Siliconix www.vishay.com S FaxBack 408-970-5600 2-2 Document Number: 70785 S-56947—Rev. C, 28-Dec-98 FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION S/D (6) G (3) D/S (4) P-Channel MOSFET BODY (1) Body Bias Generator SUBSTRATE (GND) (2, 5) ESD Protection TSOP-6 Top View 6 4 1 2 3 5 2.75 mm 3 mm BODY SUB G S/D SUB D/S FIGURE 3. FIGURE 4. ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Limit Unit Drain-Source Voltage, Source-Drain Voltagea VDS –7.0 to +7.0 V Source-Body/Drain-Body/Gate-Body Voltage VSB, VDB, VGB 0.3 to –7.0 V Body-Substrate Voltage VBSUB +7.0 to –0.3 Continuous Drain-to-Source Current (TJ = 150_C)a, b TA = 25_C ID "2.4 A Continuous Drain-to-Source Current (TJ = 150_C)a, b TA = 70_C ID "2.0 A Pulsed Drain-to-Source Currenta IDM "8 Maximum Power Dissipationb TA = 25_C PD 1.5 W Maximum Power Dissipationb TA = 70_C PD 1.0 W Operating Junction and Storage Temperature Range TJ, Tstg –55 to 150 _C RECOMMENDED OPERATING RANGE Parameter Symbol Range Unit Drain-Source Voltagea VDS, VDS –5.5 to 5.5 V Gate-Drain,/Gate-Source Voltage VGD, VGS 0 to –5.5 V Source-Body/Drain-Body/Gate-Body Voltage VSB, VDB, VGB 0 to –5.5 Drain-to-Source Currenta, b IDS "2.4 A Body-Source Current IBS 0 to 10 mA THERMAL RESISTANCE RATINGS Parameter Symbol Limit Unit Maximum Junction-to-Ambientb RthJA 80 _C/W Maximum Junction-to-Ambientb RthJA 125 C/W Notes a. Bi-directional. b. Surface Mounted on FR4 Board, t v 5 sec. c. Surface Mounted on FR4 Board, Steady–State. |
유사한 부품 번호 - SI3831DV |
|
유사한 설명 - SI3831DV |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |