전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8033JF 데이터시트(PDF) 5 Page - Sanken electric

부품명 SI-8033JF
상세설명  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8033JF 데이터시트(HTML) 5 Page - Sanken electric

  SI-8033JF Datasheet HTML 1Page - Sanken electric SI-8033JF Datasheet HTML 2Page - Sanken electric SI-8033JF Datasheet HTML 3Page - Sanken electric SI-8033JF Datasheet HTML 4Page - Sanken electric SI-8033JF Datasheet HTML 5Page - Sanken electric SI-8033JF Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
sTypical characteristics (SI-8033JF)
Efficiency Characteristics
Output Voltage
Load Regulation
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Temperature Characteristics
sTypical characteristics (SI-8050JF)
Efficiency Characteristics
Output Voltage
Load Regulation
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Temperature Characteristics
90
80
70
60
50
40
30
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
VIN
=6.3V
15V
5
4
3
2
1
0
02
6
10
14
18
48
12
Input Voltage VIN (V)
16
20
(Load=C.R Ta=25
°C)
0.5A
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
15V
30V
6.3V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
VIN=40V
5
4
3
2
1
0
0
0.5
1.0
Output Current IO (A)
1.5
2.0
2.5
3.0
(Ta=25
°C)
VIN=8V
15V
30V
40V
50
75
100
125
150
175
200
5
4
3
2
1
0
Ambient Temperature Ta (
°C)
VIN=15V, IO=0A
TSD OFF
TSD ON
150
140
130
120
110
100
90
80
70
60
–40 –20
0
20
40
60
80
100 120 140
Ambient Temperature Ta (
°C)
Freq
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
η
VO
VIN=15V, IO=0.5A
6
5
4
3
2
1
0
0
0.5
1.0
Output Current IO (A)
1.5
2.0
2.5
3.0
(Ta=25
°C)
VIN=10V
20V
30V
40V
50
75
100
125
150
175
200
10
8
6
4
2
0
Ambient Temperature Ta (
°C)
VIN=20V, IO=0A
TSD OFF
TSD ON
150
140
130
120
110
100
90
80
70
60
–40 –20
0
20
40
60
80
100 120 140
Ambient Temperature Ta (
°C)
Freq
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
VO
VIN=20V, IO=0.5A
η
90
80
70
60
50
40
30
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
VIN
=8V
20V
40V
30V
6
5
4
3
2
1
0
02
6
10
14
18
48
12
Input Voltage VIN (V)
0.5A
16
20
(Load=C.R Ta=25
°C)
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
20V
8V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
VIN=40V
30V
qSI-8000JF Series


유사한 부품 번호 - SI-8033JF

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8033JF SANKEN-SI-8033JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

유사한 설명 - SI-8033JF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com