전자부품 데이터시트 검색엔진 |
|
ST180S04P0 데이터시트(PDF) 6 Page - International Rectifier |
|
ST180S04P0 데이터시트(HTML) 6 Page - International Rectifier |
6 / 8 page ST180S Series 6 Bulletin I25165 rev. C 03/03 www.irf.com Fig. 4 - On-state Power Loss Characteristics Fig. 3 - On-state Power Loss Characteristics 80 90 100 110 120 130 0 40 80 120 160 200 240 30° 60° 90° 120° 180° Average On-state Current (A) Conduc tion Angle ST180SSeries R (DC) = 0.105 K/ W thJC 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 DC 30° 60° 90° 120° 180° Average On-state Current (A) Conduc tion Period ST180SSeries R (DC) = 0.105 K/ W thJC Fig. 2 - Current Ratings Characteristics Fig. 1 - Current Ratings Characteristics 25 50 75 100 125 Maximum Allowable Ambient Temperature (°C) 0.1 6 K/ W 0.2 K/W 0.3 K/ W 0.4 K/W 0.5 K/W 0.8 K / W 1.2 K/W 0 50 100 150 200 250 300 350 0 40 80 120 160 200 240 180° 120° 90° 60° 30° RMSLimit Cond uc tion Angle Average On-state Current (A) ST180SSeries T = 125°C J 25 50 75 100 125 Maximum Allowable Ambient Temperature (°C) R = 0.0 8 K/ W - D elt a R th SA 0.1 K/ W 0.1 6 K/W 0.2 K/ W 0.3 K/W 0.4 K/ W 0.5 K/W 0.8 K/W 1.2 K/ W 0 50 100 150 200 250 300 350 400 450 500 0 40 80 120 160 200 240 280 320 DC 180° 120° 90° 60° 30° RMSLimit Cond uc tion Period Average On-state Current (A) ST180SSeries T = 125°C J |
유사한 부품 번호 - ST180S04P0 |
|
유사한 설명 - ST180S04P0 |