전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD74BC541P 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TD74BC541P
상세설명  TOSHIBA Bi-CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD74BC541P 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TD74BC541P Datasheet HTML 1Page - Toshiba Semiconductor TD74BC541P Datasheet HTML 2Page - Toshiba Semiconductor TD74BC541P Datasheet HTML 3Page - Toshiba Semiconductor TD74BC541P Datasheet HTML 4Page - Toshiba Semiconductor TD74BC541P Datasheet HTML 5Page - Toshiba Semiconductor TD74BC541P Datasheet HTML 6Page - Toshiba Semiconductor TD74BC541P Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TD74BC541P/F
2002-07-11
4
AC Characteristics (Input tr
==== tf ==== 2.5 ns)
Ta
= 25°C
VCC = 5.0 V
Ta
= -40°C to 85°C
VCC = 5.0 V ± 10 %
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Min
Max
Unit
tpLH
2.0
5.0
6.3
2.0
7.5
Propagation delay time
A-Y
tpHL
2.0
4.5
5.8
2.0
6.8
ns
tpZH
2.0
8.0
9.5
2.0
11.0
3-state output enable time
ΟΕ
-Y
tpZL
2.0
6.5
9.5
2.0
11.0
ns
tpHZ
2.0
6.0
9.5
2.0
10.0
3-state output disable time
ΟΕ
-Y
tpLZ
CL = 50 pF
2.0
5.0
8.5
2.0
9.5
ns
Dynamic supply current
ICCD
f
= 1 MHz
Output open
¾
8
13
¾
16
mA
Note 1: When measuring tpLH, tpHL, tpZH and tpHZ, the output pin should be connected as shown in Note 2.
When measuring tpZL, and tpLZ, the output pin should be connected as shown in Note 3.
Output
Note 2
Output
Note 3
7 V


유사한 부품 번호 - TD74BC541P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD74BC574F TOSHIBA-TD74BC574F Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)
TD74BC574P TOSHIBA-TD74BC574P Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)
More results

유사한 설명 - TD74BC541P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com