전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1308A 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1308A
상세내용  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
2002 Jul 19
5
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
CHARACTERISTICS
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
TDA1308
single
3.0
5.0
7.0
V
dual
1.5
2.5
3.5
V
supply voltage
TDA1308A
single
2.4
5.0
7.0
V
dual
1.2
2.5
3.5
V
VSS
negative supply voltage
−1.5
−2.5
−3.5
V
IDD
supply current
no load
35mA
Ptot
total power dissipation
no load
15
25
mW
DC characteristics
VI(os)
input offset voltage
10
mV
Ibias
input bias current
10
pA
VCM
common mode voltage
0
3.5
V
Gv
open-loop voltage gain
RL =5kΩ−
70
dB
IO
maximum output current
(THD + N)/S < 0.1%
60
mA
RO
output resistance
0.25
−Ω
VO
output voltage swing
note 1
0.75
4.25
V
RL =16 Ω
1.5
3.5
V
RL =5kΩ
0.1
4.9
V
PSRR
power supply rejection ratio
fi = 100 Hz;
Vripple(p-p) = 100 mV
90
dB
αcs
channel separation
70
dB
RL =5kΩ−
105
dB
CL
load capacitance
−−
200
pF
AC characteristics
(THD + N)/S total harmonic distortion plus
noise-to-signal ratio
note 2
−−70
−65
dB
0.03
0.06
%
note 3
−−52
−40
dB
0.25
1.0
%
RL =5kΩ; note 2
−−101
dB
0.0009
%
S/N
signal-to-noise ratio
100
110
dB
fG
unity gain frequency
open-loop; RL =5kΩ−
5.5
MHz
Po
maximum output power
(THD + N)/S < 0.1%
60
mW
Ci
input capacitance
3
pF
SR
slew rate
unity gain inverting
5
V/
µs
B
power bandwidth
unity gain inverting
20
kHz




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MS6308Class AB Stereo Headphone Driver Low Distortion Excellent PSRR 1 2 3 4 5 MoreMOSA ELECTRONICS
TDA1308Class AB stereo headphone driver 1 2 3 4 5 MoreNXP Semiconductors
MS6308Class AB stereo headphone driver 1 2 3 4 5 List of Unclassifed Manufacturers
APA3541Class AB Stereo Headphone Driver with Mute 1 2 3 4 5 MoreAnpec Electronics Coropration
SC1308LCLASS AB STEREO HEADPHONE DRIVER 1 2 3 4 Silan Microelectronics Joint-stock
APA2308Class AB Stereo Headphone Driver 1 2 3 4 5 MoreAnpec Electronics Coropration
TP5228CLASS AB STEREO HEADPHONE DRIVER WITH MUTE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MS633116-bit Stereo Audio DAC & Headphone Driver Component Less Low Cost 1 2 3 4 5 MoreMOSA ELECTRONICS
RT9131Class AB stereo Headphone Drive with Mute 1 2 3 4 5 MoreList of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl