전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1308A 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1308A
상세내용  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 7 page
background image
2002 Jul 19
7
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
handbook, full pagewidth
MKA783
1
2
3
5
6
74
8
R5
10 k
R6
10 k
C3
1
µF
R1
22 k
C8
C7
R4
C4
R3
C5
1 nF
R2
BCK
WS
DATA
VDD
Vref
5
4
1
2
3
6
7
8
3.9 k
33 k
C2
10
µF
C1
100 nF
3.9 k
1 nF
100
µF
100
µF
C6
100
µF
TDA1308(A)
TDA1545A
Fig.5 Example of application with TDA1545A (stereo continuous calibration DAC).
handbook, halfpage
0
40
80
MKA784
10−2
10−3
fi (Hz)
Gv
(dB)
10−4
10−5
10−6
10−7
10−8
no load
RL = 32 Ω
Fig.6
Open-loop gain as a function of input
frequency.
handbook, halfpage
−130
−110
−70
−90
MKA785
10−2
10−1
10−3
10−4
10−5
fi (Hz)
Gv
(dB)
32
RL = 16 Ω
5 k
Fig.7 Crosstalk as a function of input frequency.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MS6308Class AB Stereo Headphone Driver Low Distortion Excellent PSRR 1 2 3 4 5 MoreMOSA ELECTRONICS
TDA1308Class AB stereo headphone driver 1 2 3 4 5 MoreNXP Semiconductors
MS6308Class AB stereo headphone driver 1 2 3 4 5 List of Unclassifed Manufacturers
APA3541Class AB Stereo Headphone Driver with Mute 1 2 3 4 5 MoreAnpec Electronics Coropration
SC1308LCLASS AB STEREO HEADPHONE DRIVER 1 2 3 4 Silan Microelectronics Joint-stock
APA2308Class AB Stereo Headphone Driver 1 2 3 4 5 MoreAnpec Electronics Coropration
TP5228CLASS AB STEREO HEADPHONE DRIVER WITH MUTE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MS633116-bit Stereo Audio DAC & Headphone Driver Component Less Low Cost 1 2 3 4 5 MoreMOSA ELECTRONICS
RT9131Class AB stereo Headphone Drive with Mute 1 2 3 4 5 MoreList of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl