전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2100C40R3L 데이터시트(PDF) 6 Page - International Rectifier

부품명 ST2100C40R3L
상세설명  PHASE CONTROL THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST2100C40R3L 데이터시트(HTML) 6 Page - International Rectifier

  ST2100C40R3L Datasheet HTML 1Page - International Rectifier ST2100C40R3L Datasheet HTML 2Page - International Rectifier ST2100C40R3L Datasheet HTML 3Page - International Rectifier ST2100C40R3L Datasheet HTML 4Page - International Rectifier ST2100C40R3L Datasheet HTML 5Page - International Rectifier ST2100C40R3L Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ST2100C..R Series
6
www.irf.com
Bulletin I25198 rev. B 02/00
Fig. 7 - Stored Charged
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristics
Fig. 11 - Gate Characteristics
Rate Of Decay Of On-state Current - di/dt (A/µs)
Square Wave Pulse Duration (s)
Instantaneous Gate Current (A)
1000
10000
100000
0.1
1
10
100
T = 125˚C
J
ST2100C..R Series
I = 2000A
T
Qrr
IT
dI
I
(REC)
RM
t
dt
T
t = 3ms
p
0.0001
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady State Value
R
= 0.019 K/W
(Single Side Cooled)
R
= 0.0095 K/W
(Double Side Cooled)
(DC Operation)
thJ-C
thJ-C
ST2100C..R Series
0.1
1
10
100
0.001
0.01
0.1
1
10
VGD
IGD
(1)
(2)
Frequency Limited by PG(AV)
(1) PGM = 2W
(2) PGM = 4W
(3) PGM = 8W
(4) PGM = 20W
(5) PGM = 50W
(6) PGM =100W
Device: ST2100C..R Series
(3)
(4)
(5)
(6)


유사한 부품 번호 - ST2100C40R3L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
More results

유사한 설명 - ST2100C40R3L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com