전자부품 데이터시트 검색엔진 |
|
TC-200-DFF-416A-622.08MHZ 데이터시트(PDF) 1 Page - Vectron International, Inc |
|
TC-200-DFF-416A-622.08MHZ 데이터시트(HTML) 1 Page - Vectron International, Inc |
1 / 2 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com 52 TC-200 Description: Vectron International has introduced a series of low jitter complementary PECL TCXO’s for use in SONET Minimum Clock (SMC) applications and is available in Output frequencies from 311.04 MHz to 777.6 MHz. Features: • True SONET Minimum performance • Ultra low Jitter • 3.3 Vdc or 5 Vdc operation • Complementary PECL output Performance Characteristics Frequencies: 311.04 MHz to 777.6 MHz Package Size: 30.48 x 25.4 x 6.35 mm (1.2” x 1.0” x 0.25”) Supply Voltage (Vcc): C = 5.0 Vdc ±5% (other options are available upon request) D = 3.3 Vdc ±5% Current: <200 mA Output: Complementary PECL Output Level (@ +25°C): Voh (“1”) = Vcc Vol (“0”) = Vcc - 1.63 V max Rise/Fall Time: <400 ps (20% to 80%) Symmetry (Duty Cycle): 50/50 ±5% @ Vcc - 1.3 V Temperature Stability: C-416 - ±4.1 ppm over 0oC to +70oC (per GR-253-CORE : R5-126) F-416 - ±4.1 ppm over -40oC to +85oC (per GR-253-CORE : R5-126) NOTE: Tighter stabilities and wider temperature ranges are available, please consult the factory. Initial Accuracy @ +25°C: B ±5 ppm max after reflow, Total Stability <20 ppm All Causes. Aging: <10 ppm for ten years Jitter Generation: <1 ps rms from 12 kHz to 80 MHz Frequency vs. Supply: <±0.2 ppm for a ±5% change in supply voltage Electrical Frequency Adjust: A ±40 ppm min., 0 to Vcc, positive slope (per GR-253-CORE: R5-129) Parameter Characteristics Temperature Compensated Crystal Oscillators (TCXO’s) TC-200 8798_AA's Vectron 05/30/02 3:11 PM Page 52 |
유사한 부품 번호 - TC-200-DFF-416A-622.08MHZ |
|
유사한 설명 - TC-200-DFF-416A-622.08MHZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |