전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HCT125RM13TR 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 M74HCT125RM13TR
상세설명  QUAD BUS BUFFER (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT125RM13TR 데이터시트(HTML) 3 Page - STMicroelectronics

  M74HCT125RM13TR Datasheet HTML 1Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 2Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 3Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 4Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 5Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 6Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 7Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 8Page - STMicroelectronics M74HCT125RM13TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M74HCT125
3/9
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
V
IO=-6.0 mA
4.18
4.31
4.13
4.10
VOL
Low Level Output
Voltage
4.5
IO=20 µA
0.0
0.1
0.1
0.1
V
IO=6.0 mA
0.17
0.26
0.33
0.40
II
Input Leakage
Current
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
5.5
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 5
± 10
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
80
µA
∆ I
CC
Additional Worst
Case Supply
Current
5.5
Per Input pin
VI = 0.5V or
VI = 2.4V
Other Inputs at
VCC or GND
IO = 0
2.0
2.9
3.0
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
4.5
50
7
12
15
18
ns
tPLH tPHL Propagation Delay
Time
4.5
50
13
21
26
32
ns
4.5
150
17
27
34
41
tPZL tPZH Output Enable
Time
4.5
50
RL = 1 K
15
24
30
36
ns
4.5
150
19
30
38
45
tPLZ tPHZ Output Disable
Time
4.5
50
RL = 1 K
17
24
30
36
ns


유사한 부품 번호 - M74HCT125RM13TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HCT125RM13TR STMICROELECTRONICS-M74HCT125RM13TR Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
More results

유사한 설명 - M74HCT125RM13TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
   QUAD BUS BUFFER (3-STATE)
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
   QUAD BUS BUFFER (3-STATE)
August 2001
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
   RAD-HARD QUAD BUS BUFFER (3-STATE)
logo
Renesas Technology Corp
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com