전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NTE7131 데이터시트(Datasheet) 1 Page - NTE Electronics

부품명 NTE7131
상세내용  Integrated Circuit DC-Coupled Vertical Deflection Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE7131
Integrated Circuit
DC–Coupled Vertical Deflection Circuit
Description:
The NTE7131 is an integrated circuit in a 9–Lead SIP type package designed for use in 90
° and 110°
color deflection systems for field frequencies of 50 to 120Hz. The circuit provides a DC driven vertical
deflection output circuit, operating as a highly efficient class G system.
Features:
D Few External Components
D Highly Efficient Fully DC–Coupled Vertical Output Bridge Circuit
D Vertical Flyback Switch
D Guard Circuit
D Protection Against:
Short–Circuit of the Output Pins (7 and 4)
Short–Circuit of the Output Pins to VP
D Temperature (Thermal) Protection
D High EMC Immunity because of Common Mode Inputs
D A Guard Signal in Zoom Mode
Absolute Maximum Ratings:
DC Supply
Supply Voltage, VP
Non–Operating
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flyback Supply Voltage, VFB
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Vertical Circuit
Output Current (Peak–to–Peak Value, Note 1), IO(p–p)
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage (Pin7), VO(A)
52V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flyback Switch
Peak Output Current, IM
±1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Data
Virtual Junction Temperature, TVJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatrure Range, TA
–25
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Virtual Junction–to–Ambient (In Free Air), RthVJA
40K/W
. . . . . . . . . . . . . . . . .
Thermal Resistance, Virtual Junction–to–Case, RthVJC
4K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short–Circuiting Time (Note 2), tsc
1 Hour
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. IO maximum determined by current protection.
Note 2. Up to VP = 18V.




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE7156Integrated Circuit DC-Coupled Vertical Deflection Circuit 1 2 3 4 NTE Electronics
NTE1674Integrated Circuit TV Vertical Deflection Output Circuit 1 2 NTE Electronics
NTE1858Integrated Circuit Vertical Deflection Circuit 1 2 3 4 NTE Electronics
NTE7085Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor 1 2 3 NTE Electronics
NTE7136Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
NTE1888Integrated Circuit Horizontal and Vertical Deflection Monitor 1 2 3 4 NTE Electronics
NTE7153Integrated Circuit Vertical Deflection Output Circuit 1 2 NTE Electronics
NTE1754Integrated Circuit Vertical Deflection Output Circuit 1 2 3 4 NTE Electronics
TDA8350QDC-coupled vertical deflection and East-West output circuit 1 2 3 4 5 MoreNXP Semiconductors
ILA8351DC-COUPLED VERTICAL DEFLECTION CIRCUIT 1 2 3 4 5 MoreIntegral Corp.

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl