전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE7132 데이터시트(PDF) 3 Page - NTE Electronics

부품명 NTE7132
상세설명  Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7132 데이터시트(HTML) 3 Page - NTE Electronics

  NTE7132 Datasheet HTML 1Page - NTE Electronics NTE7132 Datasheet HTML 2Page - NTE Electronics NTE7132 Datasheet HTML 3Page - NTE Electronics NTE7132 Datasheet HTML 4Page - NTE Electronics NTE7132 Datasheet HTML 5Page - NTE Electronics NTE7132 Datasheet HTML 6Page - NTE Electronics NTE7132 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Cont’d): (VP = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VGA/Multi–Frequency Mode Switch
Input Voltage LOW to Force Multi–Frequency
Mode
V7
0
50
mV
Horizontal Comparator PLL1
Upper Control Voltage Limitation
V17
5.0
V
Lower Control Voltage Limitation
1.2
V
Control Current
I17
±300
µA
Horizontal Oscillator
Center Frequency
fOSC
R18 = 12kΩ (Pin18),
C19 = 2.2nF (Pin19)
31.45
kHz
Deviation of Center Frequency
∆fOSC
±3.0
%
Temperature Coefficient
TC
±150 10–6/K
Relative Holding/Catching Range
ϕH/tH
±6.0
±6.5
±7.3
%
External Oscillator Resistor
R18
9
18
k
Voltage at Reference Current Input (Pin18)
V18
PLL1 and PLL2 Locked,
Vrefm= 6.25V
3.125
V
Control Voltage
∆V18
±205
mV
Horizontal PLL2
Upper Clamping Level of Flyback Input
V2
I2 = 6mA
5.5
V
Lower Clamping Level of Flyback Input
I2 = –1mA
–0.75
V
H–Flyback Slicing Level
3.0
V
Input Current
I2
H–Scan; V8 < 0.9V
–0.5
mA
H–Flyback; V8 > 1.8V
–0.2
mA
Delay Between Middle of Sync and Middle of
H–Flyback Related to tH
td/tH
3.2
%
Upper Control Voltage Limitation
V20
4.6
V
Lower Control Voltage Limitation
1.6
V
Control Current
I20
±200
µA
PLL2 Control range Related to tH
∆t/tH
30
%
Horizontal Output (Open–Collector)
Output Voltage LOW
V3
I3 = 20mA
0.3
V
I3 = 60mA
0.8
V
tH Duty Cycle
tp/tH
42
45
48
%
Threshold to Activate Too Low Supply Voltage
VP
Horizontal Output OFF
5.3
V
Protection
Horizontal Output ON
5.6
V
Horizontal Clamping/Blanking Generator Output
Output Voltage LOW
V8
H and V Scanning
0.9
V
Blanking Output Voltage
Internal V Blanking
1.8
2.1
2.4
V
External H Blanking
1.8
2.1
2.4
V
Clamping Output Voltage
H–Sync on Pin9
3.5
3.9
4.3
V
Internal Sink Current for All Output Levels
I8
H and V Scanning
2.3
2.9
3.5
mA
Clamping Pulse Start
t8
With End of H–Sync
Clamping Pulse Width
tclp
0.8
1.0
1.2
µs
Steepness of Rise and Fall Times
S
40
ns/V


유사한 부품 번호 - NTE7132

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE713 NTE-NTE713 Datasheet
24Kb / 2P
   Integrated Circuit Chroma Demod
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
More results

유사한 설명 - NTE7132

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com