전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMJX1H40N150 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 MMJX1H40N150
상세설명  1500V MOS Gated Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMJX1H40N150 데이터시트(HTML) 1 Page - IXYS Corporation

  MMJX1H40N150 Datasheet HTML 1Page - IXYS Corporation MMJX1H40N150 Datasheet HTML 2Page - IXYS Corporation MMJX1H40N150 Datasheet HTML 3Page - IXYS Corporation MMJX1H40N150 Datasheet HTML 4Page - IXYS Corporation MMJX1H40N150 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
1500V MOS Gated
Thyristor
V
DM
= 1500V
Symbol
Test Conditions
Maximum Ratings
V
DM
T
J
= 25°C to 150°C
1500
V
V
GK
Continuous
±30
V
V
GK
Transient
±40
V
I
TSM
T
C
= 25°C, 1μs
15.5
kA
T
C
= 25°C, 10μs
6.4
kA
P
D
T
C
= 25°C
320
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062 in.) from Case for 10s
260
°C
V
ISOL
50/60Hz, 1 minute
2500
V~
F
C
Mounting Force
50..200/11..45
N/lb
Weight
5
g
DS100594C(12/17)
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
2500V~ Electrical Isolation
Very High Current Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Capacitive Discharge Circuits
Ignition Circuits
Solid State Surge Protection
(Electrically Isolated Tab)
MMJX1H40N150
K
A
G
G = Gate
K = Cathode
A = Anode
Ks = Cathode Sense
G
K
A
K
A
G
Isolated Tab
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
BR
I
A
= 250
A, V
GK = 0V
1500
V
V
GK(th)
I
A
= 250μA, V
AK = VGK
2.5
5.0
V
V
T
I
T
= 1000A, V
GK = 15V
4.75
6.0
V
r
T
I
T
> I
L, VGK = 15V
1.20
m
V
BO
V
GK = 15V
5.25
V
I
D
V
AK = 1500V, VGK = 0V
15
A
T
J = 125C
1.5 mA
I
L
250
A
I
H
200
A
I
GKS
V
AK = 0V, VGK = 30V
200
nA
Ks
Ks
Ks


유사한 부품 번호 - MMJX1H40N150

제조업체부품명데이터시트상세설명
logo
Nuvotem Talema
MMJ-100B-501 TALEMA-MMJ-100B-501 Datasheet
66Kb / 2P
   Miniature SMD Interface Modules
logo
Micro Commercial Compon...
MMJD3055 MCC-MMJD3055 Datasheet
206Kb / 3P
   Silicon NPN epitaxial planer Transistors
logo
ON Semiconductor
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
57Kb / 4P
   Bipolar Power Transistors
October, 2003 ??Rev. 1
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
63Kb / 4P
   Bipolar Power Transistors PNP Silicon
January, 2006 ??Rev. 2
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
63Kb / 4P
   Bipolar Power Transistors PNP Silicon
January, 2006 ??Rev. 2
More results

유사한 설명 - MMJX1H40N150

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXHH40N150HV IXYS-IXHH40N150HV Datasheet
181Kb / 4P
   1500V MOS Gated Thyristor
MMIX1H60N150V1 IXYS-MMIX1H60N150V1 Datasheet
207Kb / 5P
   1500V MOS Gated Thyristor w/ Anti-Parallel Diode
IXHX40N150V1HV IXYS-IXHX40N150V1HV Datasheet
180Kb / 4P
   1500V MOS Gated Thyristor w/ Anti-Parallel Diode
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E_16 Datasheet
359Kb / 7P
   1500V - 2A - MOS FET
logo
IXYS Corporation
CLB30I1200PZ IXYS-CLB30I1200PZ Datasheet
419Kb / 5P
   Single Anode Gated Thyristor
CLB30I1200HB IXYS-CLB30I1200HB Datasheet
401Kb / 5P
   Single Anode Gated Thyristor
logo
Unisonic Technologies
MGBR10L40 UTC-MGBR10L40 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L45 UTC-MGBR12L45 Datasheet
171Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15L45 UTC-MGBR15L45 Datasheet
127Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR10U45 UTC-MGBR10U45 Datasheet
140Kb / 3P
   MOS GATED BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com