전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPKB2CA150U60 데이터시트(PDF) 5 Page - MagnaChip Semiconductor.

부품명 MPKB2CA150U60
상세설명  600V FRD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MGCHIP [MagnaChip Semiconductor.]
홈페이지  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKB2CA150U60 데이터시트(HTML) 5 Page - MagnaChip Semiconductor.

  MPKB2CA150U60 Datasheet HTML 1Page - MagnaChip Semiconductor. MPKB2CA150U60 Datasheet HTML 2Page - MagnaChip Semiconductor. MPKB2CA150U60 Datasheet HTML 3Page - MagnaChip Semiconductor. MPKB2CA150U60 Datasheet HTML 4Page - MagnaChip Semiconductor. MPKB2CA150U60 Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mar. 2013. Version 2.0
MagnaChip Semiconductor Ltd.
5
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


유사한 부품 번호 - MPKB2CA150U60

제조업체부품명데이터시트상세설명
logo
MagnaChip Semiconductor...
MPKB2CA100U40 MGCHIP-MPKB2CA100U40 Datasheet
639Kb / 5P
   400V FRD Module
MPKB2CA100U60 MGCHIP-MPKB2CA100U60 Datasheet
648Kb / 5P
   600V FRD Module
More results

유사한 설명 - MPKB2CA150U60

제조업체부품명데이터시트상세설명
logo
MagnaChip Semiconductor...
MPJC2CA150U60 MGCHIP-MPJC2CA150U60 Datasheet
610Kb / 5P
   600V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
   600V FRD Module
MPKB2CA MGCHIP-MPKB2CA Datasheet
648Kb / 5P
   600V FRD Module
MPKC2SB MGCHIP-MPKC2SB Datasheet
654Kb / 5P
   600V FRD Module
MPSC2N100U60 MGCHIP-MPSC2N100U60 Datasheet
643Kb / 5P
   600V FRD Module
MPGB1N300U60 MGCHIP-MPGB1N300U60 Datasheet
635Kb / 5P
   600V FRD Module
logo
Nihon Inter Electronics...
P2H60F6 NIEC-P2H60F6 Datasheet
154Kb / 3P
   FRD MODULE 60A/600V
P2H30F6 NIEC-P2H30F6 Datasheet
154Kb / 3P
   FRD MODULE 30A/600V
PH270F6 NIEC-PH270F6 Datasheet
30Kb / 2P
   FRD MODULE 270A/600V/trr:170nsec
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
   FRD MODULE 50A/600V/trr:100nsec
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com