전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AXC8T245_1808 데이터시트(PDF) 15 Page - Texas Instruments

부품명 SN74AXC8T245_1808
상세설명  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC8T245_1808 데이터시트(HTML) 15 Page - Texas Instruments

Back Button SN74AXC8T245_1808 Datasheet HTML 11Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 12Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 13Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 14Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 15Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 16Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 17Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 18Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
15
SN74AXC8T245
www.ti.com
SCES875B – MARCH 2018 – REVISED AUGUST 2018
Product Folder Links: SN74AXC8T245
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.13 Switching Characteristics, VCCA = 3.3 V
See Figure 1 and Figure 2 for test circuit and loading conditions. See Figure 3 and Figure 4 for measurement waveforms.
PARAMETER
TEST CONDITIONS
B-PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 V ± 0.05 V
0.8 V ± 0.04 V
0.9 V ± 0.045 V
1.2 V ± 0.1 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
From input A
to output B
–40°C to 85°C
0.5
81
0.5
40
0.5
22
0.5
7
ns
–40°C to 125°C
0.5
81
0.5
40
0.5
22
0.5
7
From input B
to output A
–40°C to 85°C
0.5
142
0.5
35
0.5
17
0.5
7
–40°C to 125°C
0.5
142
0.5
35
0.5
17
0.5
8
tdis
Disable time
From inputOE
to output A
–40°C to 85°C
0.5
22
0.5
22
0.5
22
0.5
22
ns
–40°C to 125°C
0.5
24
0.5
24
0.5
24
0.5
24
From inputOE
to output B
–40°C to 85°C
0.5
111
0.5
84
0.5
75
0.5
80
–40°C to 125°C
0.5
113
0.5
86
0.5
78
0.5
83
ten
Enable time
From input OE
to output A
–40°C to 85°C
0.5
9
0.5
9
0.5
9
0.5
9
ns
–40°C to 125°C
0.5
10
0.5
10
0.5
10
0.5
10
From input OE
to output B
–40°C to 85°C
0.5
154
0.5
86
0.5
51
0.5
20
–40°C to 125°C
0.5
154
0.5
86
0.5
51
0.5
20
PARAMETER
TEST CONDITIONS
B-PORT SUPPLY VOLTAGE (VCCB)
UNIT
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
From input A
to output B
–40°C to 85°C
0.5
5
0.5
4
0.5
4
0.5
4
ns
–40°C to 125°C
0.5
5
0.5
4
0.5
4
0.5
4
From input B
to output A
–40°C to 85°C
0.5
5
0.5
5
0.5
4
0.5
4
–40°C to 125°C
0.5
6
0.5
5
0.5
4
0.5
4
tdis
Disable time
From inputOE
to output A
–40°C to 85°C
0.5
22
0.5
22
0.5
22
0.5
22
ns
–40°C to 125°C
0.5
24
0.5
24
0.5
24
0.5
24
From inputOE
to output B
–40°C to 85°C
0.5
30
0.5
27
0.5
25
0.5
23
–40°C to 125°C
0.5
33
0.5
30
0.5
27
0.5
25
ten
Enable time
From input OE
to output A
–40°C to 85°C
0.5
9
0.5
9
0.5
9
0.5
9
ns
–40°C to 125°C
0.5
10
0.5
10
0.5
10
0.5
10
From input OE
to output B
–40°C to 85°C
0.5
13
0.5
10
0.5
8
0.5
7
–40°C to 125°C
0.5
14
0.5
11
0.5
8
0.5
7


유사한 부품 번호 - SN74AXC8T245_1808

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

유사한 설명 - SN74AXC8T245_1808

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP TI1-SN74LVC8T245-EP_17 Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1 Datasheet
373Kb / 29P
[Old version datasheet]   Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V01 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V02 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com