전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA09759 데이터시트(PDF) 1 Page - Golledge Electronics Ltd

부품명 MA09759
상세설명  SAW Filter 456.0MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09759 데이터시트(HTML) 1 Page - Golledge Electronics Ltd

  MA09759 Datasheet HTML 1Page - Golledge Electronics Ltd MA09759 Datasheet HTML 2Page - Golledge Electronics Ltd MA09759 Datasheet HTML 3Page - Golledge Electronics Ltd MA09759 Datasheet HTML 4Page - Golledge Electronics Ltd MA09759 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 456.0MHz
Model: TB0463A
Part No: MA09759
REV. NO.: 1
TB0463A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -20
°C ~ +60 °C
2. Storage Temperature: -40
°C ~ +85 °C
3. Input Power Level: 10 dBm
B. CHARACTERISTICS:
1. Ambient Temperature: 25
°C
2. Optimal Source Impedance(Balanced): 200 ohm
3. Optimal Load Impedance(Balanced): 200 ohm
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
456
-
-
Minimum Insertion Loss (452.1~459.9MHz)
dB
7.9
9
-
Passband Ripple (452.1~459.9MHz)
dB
-
0.8
1.25
-
30dB Bandwidth
MHz
-
17.4
18.0
-
Attenuation:( Reference level from minimum insertion loss)
dB
1) 10 MHz….256 MHz
dB
30
62
-
-
2) 256 MHz ~ 360 MHz
dB
40
55
-
-
3) 360 MHz ~ 421 MHz
dB
43
47
-
-
4) 421 MHz ~ 441 MHz
dB
38
42
-
-
5) 441 MHz ~ 443.25 MHz
dB
36
42
-
-
6) 471.55 MHz ~ 491 MHz
dB
36
42
-
-
7) 491 MHz ~ 551 MHz
dB
40
44
-
-
8) 552 MHz ~ 656 MHz
dB
40
52
-
-
8) 656 MHz ~ 946 MHz
dB
30
62
-
-
Absolute Group Delay at Fo
nS
-
388
450
-
Group Delay Ripple (451.8~460.2MHz)
dB
-
26
75
-
Input Return Loss(452.1~459.9MHz)
dB
10
24
-
-
Output Return Loss (452.1~459.9MHz)
dB
10
14
-
-
Temp Coefficient
ppm/°C
-23


유사한 부품 번호 - MA09759

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MA09724 GOLLEDGE-MA09724 Datasheet
126Kb / 5P
   SAW Filter 165.450MHz
MA09738 GOLLEDGE-MA09738 Datasheet
348Kb / 6P
   SAW Filter 1575.420MHz
MA09739 GOLLEDGE-MA09739 Datasheet
416Kb / 6P
   SAW Filter 1642.50MHz
MA09795 GOLLEDGE-MA09795 Datasheet
193Kb / 5P
   SAW Filter 426.0MHz
More results

유사한 설명 - MA09759

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MP01279 GOLLEDGE-MP01279 Datasheet
155Kb / 7P
   SAW Filter 456.0MHz
MP01133 GOLLEDGE-MP01133 Datasheet
143Kb / 7P
   456.0MHz SAW Filter
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com