전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APX9149 데이터시트(PDF) 6 Page - Anpec Electronics Coropration

부품명 APX9149
상세설명  High Sensit ivity Hall IC for FAN Dr iver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9149 데이터시트(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9149 Datasheet HTML 2Page - Anpec Electronics Coropration APX9149 Datasheet HTML 3Page - Anpec Electronics Coropration APX9149 Datasheet HTML 4Page - Anpec Electronics Coropration APX9149 Datasheet HTML 5Page - Anpec Electronics Coropration APX9149 Datasheet HTML 6Page - Anpec Electronics Coropration APX9149 Datasheet HTML 7Page - Anpec Electronics Coropration APX9149 Datasheet HTML 8Page - Anpec Electronics Coropration APX9149 Datasheet HTML 9Page - Anpec Electronics Coropration APX9149 Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - May . , 2 0 1 5
APX9 1 4 9
w w w .anpec.com .t w
6
Typica l Ap plica t ion Cir cu it
Block D ia gr a m
Voltage
Regulator
VDD
GND
DO
DOB
Logic Control
Citcuit
Hall
Plane
Oscillator
Voltage
Clamp
Voltage
Clamp
APX9149
1
2
3
4
L
1
L
2
C
1
V
IN
D
1
Notes: D
1 is to protect IC and coils when reverse power input.
C
1: typical 1µF/25V capacitor recommended.
R
1: typical 5.1Ω resistor recommended.
The R
1 and C1 are to avoid inrush current to damage IC at hot plug ON/OFF
moments and the R
1 and C1 values need to be selected base on coils design.
Option
R
1


유사한 부품 번호 - APX9149

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149AEI-PBG ANPEC-APX9149AEI-PBG Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
More results

유사한 설명 - APX9149

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
   High Sensit ivity Hall IC for FAN Dr iver
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com