전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APX9154 데이터시트(PDF) 2 Page - Anpec Electronics Coropration

부품명 APX9154
상세설명  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9154 데이터시트(HTML) 2 Page - Anpec Electronics Coropration

  APX9154 Datasheet HTML 1Page - Anpec Electronics Coropration APX9154 Datasheet HTML 2Page - Anpec Electronics Coropration APX9154 Datasheet HTML 3Page - Anpec Electronics Coropration APX9154 Datasheet HTML 4Page - Anpec Electronics Coropration APX9154 Datasheet HTML 5Page - Anpec Electronics Coropration APX9154 Datasheet HTML 6Page - Anpec Electronics Coropration APX9154 Datasheet HTML 7Page - Anpec Electronics Coropration APX9154 Datasheet HTML 8Page - Anpec Electronics Coropration APX9154 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Cop y r ig h t
© ANPEC Elect ronics Corp.
Rev . A. 1 - Mar . , 2 0 1 7
w w w .anpec.com .t w
2
APX9 1 5 4
Absolu t e M a x im u m Ra t ings
S ymbol
Pa ram ete r
Rating
Unit
VDD
VDD P in Supply Voltage (VDD to GND)
-0.3 to 7
V
VOUT
Output Pin (OUT1, OUT2 ) Output Vol tag e
-0.3 to 7
V
IOUT
Output Pin (OUT1, OUT2 ) Maximu m Output Curre nt – Continu ous
Hold
300
500
mA
IFG
FG Pin Output Sink Current
20
mA
FG Pin Output Voltage
-0.3 to 7
V
TJ
Ma xim um Junction Tempera ture
150
o C
TSTG
Sto rage Temperature
-65 to 150
o C
TSOR
Ma xim um Le ad So lderin g Temperature, 1 0 S econd s
260
o C
Note 1 : Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device.
The rm a l Ch ar a ct er ist ics
S ymbol
Pa ra met er
Typica l Value
Unit
RTH,JA
Thermal Resistance-Juncti on to Ambient
XTDFN 2 x1.5-6
13 8.8
o C/W
PD
Power Dissipation, TA = 25°C
XTDFN 2 x1.5-6
900
mW
Note 2: The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD =(TJ-TA) / RTH,JA; TJ = 150
o
C.
Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Re com m e n de d Ope ra t ing Con dit ion s
S ymbol
Pa ra met er
Ra nge
Unit
VDD
VDD S uppl y Voltage
1 .8 to 6.2
V
TA
Operating Ambient Temp erature
-40 to 105
o C
TJ
Junction Temperature
-40 to 125
o C


유사한 부품 번호 - APX9154

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154AQHI-TRG ANPEC-APX9154AQHI-TRG Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

유사한 설명 - APX9154

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172_17 Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172 Datasheet
235Kb / 15P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com