전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1002 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 FIN1002
상세설명  LVDS 1-Bit, High-Speed Differential Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1002 데이터시트(HTML) 3 Page - ON Semiconductor

  FIN1002 Datasheet HTML 1Page - ON Semiconductor FIN1002 Datasheet HTML 2Page - ON Semiconductor FIN1002 Datasheet HTML 3Page - ON Semiconductor FIN1002 Datasheet HTML 4Page - ON Semiconductor FIN1002 Datasheet HTML 5Page - ON Semiconductor FIN1002 Datasheet HTML 6Page - ON Semiconductor FIN1002 Datasheet HTML 7Page - ON Semiconductor FIN1002 Datasheet HTML 8Page - ON Semiconductor FIN1002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1002
• Rev. 1.2
2
Pin Configuration
Figure 2. Pin Configuration
Pin Definitions
Pin #
Name
Description
1
VCC
Power Supply
2
GND
Ground for the IC
3
RIN+
Non-inverting Driver Input
4
RIN−
Inverting Driver Input
5
ROUT
LVTTL Data Output
Function Table
Inputs
Outputs
RIN+
RIN-
ROUT
LOW
HIGH
LOW
HIGH
LOW
HIGH
Fail-Safe Condition (Open, Shorted, Terminated)
HIGH


유사한 부품 번호 - FIN1002

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
FIN1002M5 FAIRCHILD-FIN1002M5 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
FIN1002M5X FAIRCHILD-FIN1002M5X Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
More results

유사한 설명 - FIN1002

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com