전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1019 데이터시트(PDF) 14 Page - ON Semiconductor

부품명 FIN1019
상세설명  3.3V LVDS High Speed Differential Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1019 데이터시트(HTML) 14 Page - ON Semiconductor

Back Button FIN1019 Datasheet HTML 8Page - ON Semiconductor FIN1019 Datasheet HTML 9Page - ON Semiconductor FIN1019 Datasheet HTML 10Page - ON Semiconductor FIN1019 Datasheet HTML 11Page - ON Semiconductor FIN1019 Datasheet HTML 12Page - ON Semiconductor FIN1019 Datasheet HTML 13Page - ON Semiconductor FIN1019 Datasheet HTML 14Page - ON Semiconductor FIN1019 Datasheet HTML 15Page - ON Semiconductor FIN1019 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
13
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M14A


유사한 부품 번호 - FIN1019

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
FIN1019M FAIRCHILD-FIN1019M Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
FIN1019MTC FAIRCHILD-FIN1019MTC Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
FIN1019MTCX FAIRCHILD-FIN1019MTCX Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
FIN1019MX FAIRCHILD-FIN1019MX Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
More results

유사한 설명 - FIN1019

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com